Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1919 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1919
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1919 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1919 Datasheet HTML 19Page - STMicroelectronics UM1919 Datasheet HTML 20Page - STMicroelectronics UM1919 Datasheet HTML 21Page - STMicroelectronics UM1919 Datasheet HTML 22Page - STMicroelectronics UM1919 Datasheet HTML 23Page - STMicroelectronics UM1919 Datasheet HTML 24Page - STMicroelectronics UM1919 Datasheet HTML 25Page - STMicroelectronics UM1919 Datasheet HTML 26Page - STMicroelectronics UM1919 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DocID028080 Rev 1
23/37
UM1919
Demonstration functional description
36
4.4.8
Option
Overview
The option menu level provides the system control and information about the demonstration
firmware.
Figure 19. Option menu selection and display
Features
•
Low-power mode selection
–
Stop2: the MCU enters automatically into Stop2 mode after X seconds of inactivity
–
Disable: the MCU never enters in low-power mode (except in IDD demonstration)
The disable mode is available when running in USB-powered mode and not in
battery mode to not empty the battery.
•
Demonstration version (about)
–
Display STM32L476G discovery firmware version and copyright
4.5
Audio player control
Within the audio player application, the joystick key functions are enhanced and are
described in the following Table 4:
Table 4. Audio player control joystick key functions
Joystick key
Function
Brief description
RIGHT
Play
Changes the audio player state to “AUDIOPLAYER_PLAY”.
Reads the wave file from the storage Flash memory.
Sets the frequency.
Starts or resumes the audio task.
Starts playing audio stream from a data buffer using
“BSP_AUDIO_OUT_Play” function in BSP audio driver.
SEL
Pause /
Resume
Suspends the audio task when playing and pauses the audio file
stream.
Resumes the audio task and the audio file stream when suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com