Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L476G-DISCO Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32L476G-DISCO
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-DISCO Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32L476G-DISCO Datasheet HTML 21Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 22Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 23Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 24Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 25Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 26Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 27Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 28Page - STMicroelectronics STM32L476G-DISCO Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID028080 Rev 1
25/37
UM1919
Demonstration firmware settings
36
5
Demonstration firmware settings
5.1
Clock control
The demonstration firmware takes benefit of the STM32L476VGT6 clock tree by selecting
dynamically the clock configuration required by the running application/module when
running in low-power mode.
The following clock configurations are used in the demonstration firmware:
The following oscillators and PLL are used in the demonstration firmware:
Table 5. Clock configurations
Clock configuration
Application/module
USB-powered
Application/module
battery
SYSCLK: 2MHz MSI
(LPRUN voltage range 2)
-
Demonstration startup
IDD application
SYSCLK: 16MHz PLL from MSI 16MHz
(RUN voltage range 2)
-
Sound Meter
Compass
SYSCLK: 80MHz (PLL) from MSI 8MHz
(RUN voltage range 1)
Demonstration startup
All applications
-
Table 6. Oscillators and PLL description
Oscillators
Application/module
USB-powered
Application/module
battery
MSI from 2MHz to 16MHz
Demonstration startup
Demonstration startup
IDD application
Sound meter
Compass
LSE
LCD glass display
LCD glass display
LSI
Internal Watchdog
for automatic FW reset
(error management)
-
PLL main
Demonstration startup
All applications
Sound meter
Compass
PLLSAI1
PLLSAI1_VCO= 8 MHz * PLLSAI1N = 8 * 43 =
VCO_344M
SAI_CK_x = PLLSAI1_VCO/PLLSAI1P = 344/7 =
49.142 MHz
Player
Record
Sound meter
Guitar tuner
Sound meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com