Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CERTUS Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CERTUS
Description  Configurable Safety Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CERTUS Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CERTUS Datasheet HTML 1Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 2Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 3Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 4Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 5Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 6Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 7Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 8Page - Carlo Gavazzi Holding AG CERTUS Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 18/03/2015
CERTUS
Configurable Safety Module
General Data
Max. length of connections
100m
Operating temperature
-10° to 55°C
Max. sorrounding
air temperature
55°C
Storage temperature
+20° to 85°C
Relative humidity
10% to 95%
Description
Electronic housing max 24
pole, with locking latch
mounting.
Enclosurematerial
Polyamide
Enclosureprotectionclass
IP20
Terminalblocksprotectionclass IP2X
Fastening
Quick coupling to DIN rail
according to EN60715
Dimensions (H x W x D)
108 x 22.5 x 114.5
CMM + 1 Expansion unit
11,8 to 26,5 + TInput_filter
CMM + 2 Expansion units
12,8 to 28,7 + TInput_filter
CMM + 3 Expansion units
13,9 to 30,8 + TInput_filter
CMM + 4 Expansion units
15 to 33 + TInput_filter
CMM + 5 Expansion units
16 to 35 + TInput_filter
CMM + 6 Expansion units
17 to 37,3 + TInput_filter
CMM + 7 Expansion units
18,2 to 39,5 + TInput_filter
CMM + 8 Expansion units
19,3 to 41,7 + TInput_filter
CMM + 9 Expansion units
20,4 to 43,8 + TInput_filter
CMM + 10 Expansion units
21,5 to 46 + TInput_filter
CMM + 11 Expansion units
22,5 to 48,1 + TInput_filter
CMM + 12 Expansion units
23,6 to 50,3 + TInput_filter
CMM + 13 Expansion units
24,7 to 52,5 + TInput_filter
CMM + 14 Expansion units
25,8 to 56,4 + TInput_filter
Connection cable
C.G. proprietary 5-pole bus
Connection cable cross section 0,5 to 2,5 mm2 / AWG 12
to 30 (solid/stranded)
Main Unit and Expansion Units Features
- 4 safety relays - 4 NO + 2 NC connectable to 2 independent
OSSD pairs.
- 2/4 safety relays with 6A 250VAC guided contacts.
- 1/2 NC contacts for External Device Monitoring (EDM).
•
C DDC Data and Diagnostic Communication expansion
units for connection to the most common industrial
Fieldbussystem:
•CPDP-ProfibusDP
•CDNET-DeviceNet
•CCAN-CANopen
•CEIP-EthernetIP
•CECAT-EtherCAT
•CPFNET-PROFINET
•COMMS-UniversalSerialBus
•
CBTBustransferexpansionunit,upto50mlengthper
connection. Maximum of 6 connections per system
•
SpeedMonitoringexpansionunitstomonitor(PLe):
•Zerospeed
•Maxspeed
•Speedrange
•CEIP-EthernetIP
•Motiondirection;rotation/translation.
•
CMMstandalonemainunit:
- 8 safety inputs, 2 OSSD pairs - 400mA output current -
with separate EDM and Start/Restart, 4 test outputs
and 2 programmable status outputs
- Configurable via PC through USB interface
- CMC (CERTUS Configuration Memory Card) slot for
program storage (optional feature)
•
C8I2Oexpansionunit:
- 8 safety inputs, 2 OSSD pairs - 400mA output current - with
separate EDM and Start/Restart, 4 test outputs and 2
programmable status outputs (same as CMM but no CPU).
•
C8IandC16Iexpansionunits:
- 8 and 16 safety inputs, 4 test outputs.
•
C12I8TOexpansionunit:
- 2 safety inpus, 8 test otputs - can control up to 4-wire
safety mats.
•
C2OSSDandC4OSSDexpansionunits:
- 2 and 4 OSSD pairs - 400mA output current - with separate
EDM and Start/Restart, 2/4 programmable status outputs.
•
C2RandC4Rrelayexpansionunits:
- 2 safety relays - 2 NO + 1 NC connectable to 1 OSSD pair.
Characteristic of the Output Circuit
Maximum switchable
voltage (AC)
400VAC
Maximum switchable current 6A
Response time
12ms
Mechanical life of contacts
> 20 x 106
Excitationvoltage
17...31 VDC
Minimum switchable voltage 10VDC
Minimum switchable curent
20 mA
Maximum switchable
voltage (DC)
250VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com