Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CLH
Description  Conductive Sensors Level Probes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CLH Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CLH Datasheet HTML 1Page - Carlo Gavazzi Holding AG CLH Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (08.04.2011)
Specifications (cont.)
Weight
Probe Head
260 g
Electrodes
107 g
CE marking
IEC 529
Mode of Operation
Functionality - example
The diagram shows the level
control system connected as
max. and min control, i.e. reg-
istration of 2 levels + 2 alarm
levels. The relays react to the
low alternating current creat-
ed when the electrodes is in
contact with the liquid.
The reference (Ref) must be
connected to the container or
if the container are made of a
nonconductive material, to an
additional electrode. In the
diagram this electrode is
shown by the dotted line.
Electrodes
Cut or extend the electrodes
to the desirable length. If
using extended electrodes,
place the enclosed isolation
tube over the extension joint,
and heat it with a heat gun.
Mount the electrodes in the
probehead by means of the
M4 screw inserts. Take care
not to damage the isolation
material of the isolated elec-
trodes.
Connection cable
2, 3, 4 or 5 conductor PVC
cable, normally screened.
Cable length: max. 100 m.
The resistance between the
cores and the ground must
be at last 200k. In normal
cases it is recommended to
use screened cable between
probe and controller, e.g.
where the cable is placed in
parallel to the load cables
(mains). The screen has to be
connected to Y5 (reference).
Dimensions
Accessories
Extension joint Ø4
VD
60 mm Kynar for isolation
VDK
60 mm Polyolefine for isolation
VDP
M12 Cable Gland
M12 Cable Gland
M20 Cable Gland
M20 Cable Gland
12
14
A1
11 21
A2
24
Y1
Y3
Y2
Y4
Y5
Power Supply
Alarm on/off
Pump on/off
Probe
Control
Unit
Example
M20 x 1.5
M12 x 1.5
Delivery Contents
Probe Head
M20 Cable Gland
M12 Blind flange
Installation Instruction



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com