Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # CLE2
Description  Conductive Sensors Level Probes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CLE2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  CLE2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CLE2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (08.04.2011)
1
Conductive Sensors
• Flexible conductive level probe
• 1 to 5 electrodes
• User defined electrode length
• Isolated or unisolated electrodes
• 1 1/2” pipe thread according to ISO 228/1-G11/2A
Product Description
Ordering Key
CLH 5
A compact and flexible level
probe for measuring the level
of conductive liquids, i.e
overfill, dry run protection or
pump control.
A total measurements system
consist of a multiple probe-
head, 1-5 electrodes and a
control unit.
The electrode length can be
freely defined be means of
electrode extention units -
with or without isolation.
Type
Head mounting
Number of electrodes
Specifications
Pipe thread
Housing
Ordering no.
Ordering no.
Material
for 3 electrodes
for 5 electrodes
1 1/2”
PP
CLH3
CLH5
Type Selection - Probe
Probe Head
Material
PP (Polypropylen)
No of electrodes
CLH3
3
CLH5
5
Electrode connection
M4
Tightening torque
2.7 Nm by hand -K & -P
Cable connection
Screw terminals
Electrodes
Material
Stainless steel
AISI316/DIN1.4401
Length
CLE1
1000 mm
CLE2
2000 mm
Level Probes
Types CLH
Type
Ordering no.
Ordering no.
Ordering no.
1000 mm Basic
2000 mm Extended
Extension 1000 mm
Thread in one end
Thread in both ends
Electrode without isolation
CLE1
CLE2
CLE1X
Electrode with isolation, Kynar (PVDF)
CLE1K
CLE2K
CLE1KX
Electrode with isolation, Polyolefine (FR)
CLE1P
CLE2P
CLE1PX
Description
Type Selection - Electrode
1000 mm Basic
electrode for no
further extension
1000 mm Basic
electrode for extension
1000 mm extension
electrode
1 extension joint
1 isolation tube (not
CLE2)
1000 mm extension
electrode
1 extension joint
1 isolation tube (not
CLE1X)
Diameter
Ø 4 mm
Isolation
CLE.K.
Kynar (PVDF)
CLE.P.
Polyolefine (FR)
Environment
Overvoltage category
III (IEC 60664)
Degree of protection
Housing
IP 65
Electrode connections
IP 68
Pollution degree
2(IEC 60664/60664A, 60947-1)
Operating temperature
-20° to +90ºC (-4º to +194ºF)
Storage temperature
-40º to +100ºC (-40º to +212ºF)
Pressure
5 bar at 60°C


Similar Part No. - CLE2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLE20E1200PC IXYS-CLE20E1200PC Datasheet
137Kb / 5P
SemiFast Single Thyristor
logo
Inchange Semiconductor ...
CLE20E1200PC ISC-CLE20E1200PC Datasheet
201Kb / 1P
isc Thyristors
logo
List of Unclassifed Man...
CLE230 ETC2-CLE230 Datasheet
111Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
logo
Clairex Technologies, I...
CLE230 CLAIREX-CLE230 Datasheet
115Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE230W CLAIREX-CLE230W Datasheet
114Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
More results

Similar Description - CLE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH1 ETC2-VH1 Datasheet
60Kb / 1P
Level Sensors Conductive
CLD2ET1CM24 ETC2-CLD2ET1CM24 Datasheet
98Kb / 4P
Conductive Sensors 2-point level controller
logo
Omron Electronics LLC
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
SICK AG
LFP0200-G1NMB SICK-LFP0200-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
LFP0300-G1NMB SICK-LFP0300-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
LFP0300-N1NMB SICK-LFP0300-N1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
LFP0350-G1NMB SICK-LFP0350-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
LFP0400-G1NMB SICK-LFP0400-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
logo
Carlo Gavazzi Holding A...
VH3 CARLOGAVAZZI-VH3 Datasheet
409Kb / 2P
Conductive Sensors Level Hanging Probes Types VH3, VH4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com