Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7151ARD Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7151ARD
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARD Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7151ARD Datasheet HTML 3Page - Analog Devices ADM7151ARD Datasheet HTML 4Page - Analog Devices ADM7151ARD Datasheet HTML 5Page - Analog Devices ADM7151ARD Datasheet HTML 6Page - Analog Devices ADM7151ARD Datasheet HTML 7Page - Analog Devices ADM7151ARD Datasheet HTML 8Page - Analog Devices ADM7151ARD Datasheet HTML 9Page - Analog Devices ADM7151ARD Datasheet HTML 10Page - Analog Devices ADM7151ARD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT + 0.5 V, or VIN = 2.3 V, whichever is greater; VEN = VIN; IOUT = 10 mA; CIN = COUT = CREG = 10 μF; CREF = CBYP = 1 μF; TA = 25°C,
unless otherwise noted.
TEMPERATURE (°C)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–25
0
25
50
75
100
125
VIN = 2.3V
VIN = 2.4V
VIN = 2.6V
VIN = 3.0V
VIN = 4.0V
VIN = 5.5V
Figure 5. Shutdown Current vs. Temperature at
Various Input Voltages, VOUT = 1.8 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
3.26
3.27
3.34
3.33
3.32
3.31
3.30
3.29
3.28
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 6. Output Voltage (VOUT) vs. Junction Temperature (TJ) at Various
Loads, VOUT = 3.3 V
ILOAD (mA)
1000
100
10
1
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.34
3.33
Figure 7. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 3.3 V
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.34
3.33
VIN (V)
5.5
5.0
4.5
4.0
3.5
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 8. Output Voltage (VOUT) vs. Input Voltage (VIN) at Various Loads,
VOUT = 3.3 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
10
9
8
7
6
5
4
3
2
1
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 400mA
ILOAD = 600mA
Figure 9. Ground Current vs. Junction Temperature (TJ) at Various Loads,
VOUT = 3.3 V
ILOAD (mA)
1000
100
10
1
0
10
9
8
7
6
5
4
3
2
1
Figure 10. Ground Current vs. Load Current (ILOAD), VOUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com