Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7155ACPZ-03-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM7155ACPZ-03-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-03-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM7155ACPZ-03-R7 Datasheet HTML 13Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 14Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 20Page - Analog Devices ADM7155ACPZ-03-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 17 of 24
PROGRAMMABLE PRECISION ENABLE
The ADM7155 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 50,
when a rising voltage on EN crosses the upper threshold,
nominally 1.22 V, VOUT turns on. When a falling voltage on EN
crosses the lower threshold, nominally 1.13 V, VOUT turns off.
The hysteresis of the EN threshold is approximately 90 mV.
EN PIN VOLTAGE (V)
1.3
1.2
1.1
1.0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 50. Typical VOUT Response to EN Pin Operation
TIME (ms)
4.0
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
ENABLE (VEN)
VOUT
Figure 51. Typical VOUT Response to EN Pin Operation (VEN),
VOUT = 3.3 V, VIN = 5 V, CBYP = 1 μF
INPUT VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1.100
1.250
1.225
1.200
1.175
1.150
1.125
–40°C RISING
+25°C RISING
+125°C RISING
–40°C FALLING
+25°C FALLING
+125°C FALLING
Figure 52. Typical EN Threshold vs. Input Voltages (VIN) for Different
Temperatures
The upper and lower thresholds are user programmable and can
be set higher than the nominal 1.22 V threshold by using two
resistors. The resistance values, REN1 and REN2, can be
determined from
REN1 = REN2 × (VIN − 1.22 V)/1.22 V
where:
REN2 typically ranges from 10 kΩ to 100 kΩ.
VIN is the desired turn-on voltage.
The hysteresis voltage increases by the factor
(REN1 + REN2)/REN2
For the example shown in Figure 53, the EN threshold is 2.44 V
with a hysteresis of 200 mV.
VOUT
REF_SENSE
REF
REF = 1.2V
VIN
EN
ADM7155
GND
CREF
1µF
CIN
10µF
COUT
10µF
OFF
ON
VIN = 3.5V
VOUT = 3.0V
BYP
CBYP
1µF
VREG
CREG
10µF
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
VBYP
VREG
R1
R2
REN1
100kΩ
REN2
100kΩ
Figure 53. Typical EN Pin Voltage Divider
Figure 53 shows the typical hysteresis of the EN pin. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
START-UP TIME
The ADM7155 uses an internal soft start to limit the inrush
current when the output is enabled. The start-up time for a 3.3 V
output is approximately 1.2 ms from the time the EN active
threshold is crossed to when the output reaches 90% of the
final value.
The rise time in seconds of the output voltage (10% to 90%) is
approximately
0.0012 × CBYP
where CBYP is in microfarads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com