Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7155ACPZ-04-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7155ACPZ-04-R7
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155ACPZ-04-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7155ACPZ-04-R7 Datasheet HTML 11Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 12Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 13Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 14Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 15Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 16Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 17Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 18Page - Analog Devices ADM7155ACPZ-04-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 15 of 24
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADM7155 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials,
and calculate performance within minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and device count,
taking into consideration the operating conditions and
limitations of the IC and all real external components. For more
information about, and to obtain ADIsimPower design tools,
visit www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Multilayer ceramic capacitors (MLCCs) combine small size, low
ESR, low ESL, and wide operating temperature range, making
them an ideal choice for bypass capacitors. They are not without
faults, however. Depending on the dielectric material, the
capacitance can vary dramatically with temperature, dc bias,
and ac signal level. Therefore, selecting the proper capacitor
results in the best circuit performance.
Output Capacitor
The ADM7155 is designed for operation with ceramic
capacitors but functions with most commonly used capacitors
when care is taken with regard to the effective series resistance
(ESR) value. The ESR of the output capacitor affects the stability
of the LDO control loop. A minimum of 10 μF capacitance with
an ESR of 0.2 Ω or less is recommended to ensure the stability
of the ADM7155. Output capacitance also affects transient
response to changes in load current. Using a larger value of
output capacitance improves the transient response of the
ADM7155 to large changes in load current. Figure 45 shows the
transient responses for an output capacitance value of 10 μF.
CH1 200mA Ω BW
M4µs
A CH1
212mA
T 10.2%
1
CH2 5mV
B
W
2
T
Figure 45. Output Transient Response, VOUT = 3.3 V, COUT = 10 μF,
CH1 = Load Current, CH2 = VOUT
Input and VREG Capacitor
Connecting a 10 μF capacitor from VIN to GND reduces the
circuit sensitivity to PCB layout, especially when long input
traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 10 μF capacitor from VREG to GND. When more
than 10 μF of output capacitance is required, increase the input
and the VREG capacitors, CREG, to match it.
REF Capacitor
The REF capacitor, CREF, is necessary to stabilize the reference
amplifier. Connect at least a 1 μF capacitor between REF and GND.
BYP Capacitor
The BYP capacitor, CBYP, is necessary to filter the reference
buffer. A 1 μF capacitor is typically connected between BYP and
GND. Capacitors as small as 0.1 μF can be used; however, the
output noise voltage of the LDO increases as a result.
In addition, the BYP capacitor value can be increased to reduce
the noise below 1 kHz at the expense of increasing the start-up
time of the LDO. Very large values of CBYP significantly reduce
the noise below 10 Hz. Tantalum capacitors are recommended
for capacitors larger than approximately 33 μF because solid
tantalum capacitors are less prone to microphonic noise issues.
A 1 μF ceramic capacitor in parallel with the larger tantalum
capacitor is recommended to ensure good noise performance at
higher frequencies.
CBYP (µF)
1000
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10Hz TO 100kHz
100Hz TO 100kHz
Figure 46. RMS Noise vs. CBYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com