Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7100A Datasheet(PDF) 8 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 8 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 4Page - WIZnet Co., Ltd W7100A Datasheet HTML 5Page - WIZnet Co., Ltd W7100A Datasheet HTML 6Page - WIZnet Co., Ltd W7100A Datasheet HTML 7Page - WIZnet Co., Ltd W7100A Datasheet HTML 8Page - WIZnet Co., Ltd W7100A Datasheet HTML 9Page - WIZnet Co., Ltd W7100A Datasheet HTML 10Page - WIZnet Co., Ltd W7100A Datasheet HTML 11Page - WIZnet Co., Ltd W7100A Datasheet HTML 12Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
W7100A Datasheet v1.2.5
8
Figure 5.8 Timer/Counter0, Mode2: 8-Bit Timer/Counter with Auto-Reload...................... 56
Figure 5.9 Timer/Counter0, Mode3: Two 8-Bit Timers/Counters .................................... 56
Figure 5.10 Timer/Counter1, Mode0: 13-Bit Timer/Counter......................................... 57
Figure 5.11 Timer/Counter1, Mode1: 16-Bit Timers/Counters ...................................... 57
Figure 5.12 Timer/Counter1, Mode2: 8-Bit Timer/Counter with Auto-Reload .................... 58
Figure 5.13 Timer2 Configuration Register .............................................................. 59
Figure 5.14 Timer/Counter2, 16-Bit Timer/Counter with Auto-Reload ............................ 60
Figure 5.15 Interrupt Enable Register — Timer2 ....................................................... 60
Figure 5.16 Interrupt Priority Register — Timer2....................................................... 61
Figure 5.17 Timer2 Configuration Register — TF2...................................................... 61
Figure 5.18 Timer/Counter2, 16-Bit Timer/Counter with Capture Mode .......................... 61
Figure 5.19 Timer2 for Baud Rate Generator Mode.................................................... 62
Figure 6.1 UART Buffer Register........................................................................... 63
Figure 6.2 UART Configuration Register ................................................................. 63
Figure 6.3 UART Bits in Power Configuration Register ................................................ 64
Figure 6.4 UART Bits in Interrupt Enable Register ..................................................... 65
Figure 6.5 UART Bits in Interrupt Priority Register..................................................... 65
Figure 6.6 UART Configuration Register ................................................................. 65
Figure 6.7 Timing Diagram for UART Transmission Mode0 (clk = 88.4736 MHz) ................... 66
Figure 6.8 Timing Diagram for UART Transmission Mode1 ............................................ 66
Figure 6.9 Timing Diagram for UART Transmission Mode2 ............................................ 66
Figure 6.10 Timing Diagram for UART Transmission Mode3........................................... 67
Figure 7.1 Watchdog Timer Structure .................................................................... 68
Figure 7.2 Interrupt Enable Register ..................................................................... 68
Figure 7.3 Extended Interrupt Enable Register ......................................................... 68
Figure 7.4 Extended interrupt Priority Register ........................................................ 69
Figure 7.5 Watchdog Control Register.................................................................... 69
Figure 7.6 Watchdog Control Register.................................................................... 71
Figure 7.7 Clock Control register – Watchdog bits ..................................................... 72
Figure 8.1 TCPIPCore Memory Map ....................................................................... 73
Figure 8.2 SOCKET n Status transition ..................................................................100
Figure 8.3 Calculate Physical Address ...................................................................107
Figure 9.1 Allocation Internal TX/RX memory of SOCKET n .........................................114
Figure 9.2 TCP SERVER & TCP CLIENT ...................................................................115
Figure 9.3 “TCP SERVER” Operation Flow ..............................................................116
Figure 9.4 “TCP CLIENT” Operation Flow ..............................................................123
Figure 9.5 UDP Operation Flow...........................................................................124
Figure 9.6 The received UDP data format ..............................................................126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com