Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIZ850IO Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # WIZ850IO
Description  Plugin Network Module.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ850IO Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  WIZ850IO Datasheet HTML 1Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 2Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 3Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 4Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 5Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 6Page - WIZnet Co., Ltd WIZ850IO Datasheet HTML 7Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2021/11/23 14:12
2/6
WIZ850io
Very small form factor : 23mm x 25mm x 18mm
1 x 6, 2.54mm Pin Header x 2
Pin Out
Pin Description
Pin
No.
Pin
Type
Pin Name Description
J1
1
P
GND
Ground
2
P
GND
Ground
3
I
MOSI
SPI Master Out Slave In
This pin is used for SPI MOSI signal pin
4
I
SCLK
SPI Clock
This pin is used for SPI Clock Signal pin
5
I
SCNn
SPI Slave Select
This pin is used for SPI Slave Select Signal Pin when using SPI interface
6
I
INTn
W5500 Interrupt : Low activity
This pin is used for indicating event like socket TCP connection, disconnection,
data receiving timeout, WOL(Wake on Lan) and so on occurred in W5500 inside
WIZ550io.
The interrupt is cleared by writing IR register or Sn_IR. All interrupts are maskable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com