Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 4 Page - WIZnet Co., Ltd

Part # W5500
Description  Plugin Network Module.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 4 Page - WIZnet Co., Ltd

  W5500 Datasheet HTML 1Page - WIZnet Co., Ltd W5500 Datasheet HTML 2Page - WIZnet Co., Ltd W5500 Datasheet HTML 3Page - WIZnet Co., Ltd W5500 Datasheet HTML 4Page - WIZnet Co., Ltd W5500 Datasheet HTML 5Page - WIZnet Co., Ltd W5500 Datasheet HTML 6Page - WIZnet Co., Ltd W5500 Datasheet HTML 7Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2021/11/23 14:12
3/6
WIZ850io
Pin No. Pin Type Pin Name Description
J2
1
P
GND
Ground
2
P
3.3V
Power : 3.3V power supply
3
P
3.3V
Power : 3.3V power supply
4
-
NC
Not Connect
5
I
RSTn
Reset : Low activity
Hold at least 500us after asserted to LOW and keep HIGH until next Reset
needed.
6
O
MISO
SPI Master In Slave Out
This pin is used for SPI MISO signal pin
User need to wait for 50ms after this pin is changed to HIGH to communicate with WIZ850io. (Refer to 5. Timing
Diagram)
Characteristic
DC Charcteristic
Symbol
Parameter
Pins Min Typ Max Unit
VDD
Supply voltage
3.3V 2.97 3.3 3.63 V
VIL
High level input voltage ALL 2.0
5.5
V
VIH
Low level input voltage ALL -0.3
0.8
V
VOL
Low level output voltage ALL
0.4
V
VOH High level output voltage ALL 2.4
V
LOL
Low level output Current ALL 8.6 13.9 18.9 mA
LOH High level output Current ALL 12.5 26.9 47.1 mA
IDD
Supply Current
(Normal operation mode)
3.3V
132
mA
LOH
Supply Current
(Power Down mode)
3.3V
13
mA
Power Dissipation
Condition
Min Typ Max Unit
100M Link
- 128
-
mA
10M Link
-
75
-
mA
Un-Link (Auto-negotiation mode) -
65
-
mA
100M Transmitting
- 132
-
mA
10M Transmitting
-
79
-
mA
Power Down mode
-
13
-
mA
SPI Operations
As WIZ850io consists of W5500 and others, SPI operation of WIZ850io follows one of W5500. For more
information about SPI operation of WIZ850io, please refer to W5500 Datasheet.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com