Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA034AA Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MMA034AA
Description  DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA034AA Datasheet(HTML) 3 Page - Microsemi Corporation

  MMA034AA Datasheet HTML 1Page - Microsemi Corporation MMA034AA Datasheet HTML 2Page - Microsemi Corporation MMA034AA Datasheet HTML 3Page - Microsemi Corporation MMA034AA Datasheet HTML 4Page - Microsemi Corporation MMA034AA Datasheet HTML 5Page - Microsemi Corporation MMA034AA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMA034AA
SMD-00173 Rev C
Subject to Change Without Notice
3 of 6
Table 1: Supplemental Specifications
Parameter
Description
Min
Typ
Max
Vdd
Drain Bias Voltage
-
8V
8.2V
Idd
Drain Bias Current
-
250mA
300mA
Vg1
1st Gate Bias Voltage
-4V
-
+0.5V
Vg2
2nd Gate Bias Voltage
Vdd - Vg2 < 7V
N/C
+4V
P
in
Input Power (CW)
-
-
23dBm
P
dc
Power Dissipation
-
2W
-
T
ch
Channel Temperature
-
-
150˚C
Θ
ch
Thermal Resistance (Tcase=85˚C)
-
21˚ C/W
-
Caution, ESD
Sensitive Device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com