Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFB0605MD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0605MD
Description  60 x 60 x 20 MM SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0605MD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0605MD Datasheet HTML 1Page - Delta Electronics, Inc. AFB0605MD Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(4-ø0.177
±0.012)
4-ø4.5
±0.3
(0.394)
10.0
(0.118
±0.012)
(0.787
±0.020)
3.0
±0.3
(0.118
±0.012)
3.0
±0.3
20.0
±0.5
50.0
±0.3
60.0
±0.5
(2.362
±0.020)
(1.969
±0.012)
LABEL
(1.969)
(2.252)
57.2
50.0
50.0
(1.969)
(4-ø0.177)
4-ø4.5
(4-ø0.177)
4-ø4.5
0
6.0
12.0
18.0
24.0
0.36
0.30
0.24
0.18
0.12
0.06
0
4.5
0
1.5
3.0
6.0
7.5
9.0
.75
.45
.60
.30
.15
0
AFB0605/12/24XD
VH
HH
H
M
L
328.0
±10.0
(12.913
±0.394)
OUTLET SIDE
INLET SIDE
Air Flow
(CFM)
(M3/MIN)
mm
(INCH)
UNIT:
mm
(INCH)
UNIT:
13
http://www.deltaww.com
AFB
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
60 x 60 x 20 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 62g (2.19 oz)
* Rib Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0605LD
/ -F00
5
4.5 to 5.5
0.14
0.70
3200
0.370
13.06
3.03
0.119
24.0
AFB0612LD
-R00 / -F00
12
7.0 to 13.8
0.07
0.84
AFB0624LD
-R00 / -F00
24
14.0 to 27.6
0.03
0.72
AFB0605MD
/ -F00
5
4.5 to 5.5
0.19
0.95
3600
0.420
14.83
3.83
0.151
26.0
AFB0612MD
-R00 / -F00
12
7.0 to 13.8
0.09
1.08
AFB0624MD
-R00 / -F00
24
14.0 to 27.6
0.04
0.96
AFB0605HD
/ -F00
5
4.5 to 5.5
0.24
1.20
4000
0.470
16.60
4.80
0.189
28.0
AFB0612HD
-R00 / -F00
12
7.0 to 13.8
0.11
1.32
AFB0624HD
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
AFB0605HHD
/ -F00
5
4.5 to 5.5
0.33
1.65
4400
0.520
18.36
5.81
0.229
31.0
AFB0612HHD
-R00 / -F00
12
7.0 to 13.8
0.15
1.80
AFB0624HHD
-R00 / -F00
24
14.0 to 27.6
0.07
1.68
AFB0612VHD
-R00 / -F00
12
7.0 to 13.8
0.18
2.16
4800
0.560
19.78
7.00
0.275
33.0
AFB0624VHD
-R00 / -F00
24
14.0 to 27.6
0.09
2.16
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.


Similar Part No. - AFB0605MD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MC DELTA-AFB0605MC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
More results

Similar Description - AFB0605MD

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA60 ORIONFANS-OA60 Datasheet
88Kb / 1P
60 x 30mm (2.36??x 1.18??
logo
Delta Electronics, Inc.
AFB0612HC DELTA-AFB0612HC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
NTE Electronics
77-6015D12 NTE-77-6015D12 Datasheet
363Kb / 1P
Fan, DC Types, 60 x 60mm
logo
ORION FANS
OA60 ORIONFANS-OA60_16 Datasheet
387Kb / 1P
AC Fan - 115V, 230V 60 x 30mm (2.36??x 1.18??
logo
Schneider Electric
KAD1H SCHNEIDER-KAD1H Datasheet
133Kb / 2P
operating head 60 x 60 mm - black color - black handle - blank for engraving
Feb 10, 2022
KBD1S SCHNEIDER-KBD1S Datasheet
124Kb / 2P
operating head 60 x 60 mm - metallic color - key - blank for engraving
Feb 10, 2022
KCD1MH SCHNEIDER-KCD1MH Datasheet
138Kb / 2P
operating head 60 x 60 mm - yellow color - red handle - O-I
Feb 10, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com