Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22811 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22811
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22811 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22811 Datasheet HTML 1Page - Diodes Incorporated AP22811 Datasheet HTML 2Page - Diodes Incorporated AP22811 Datasheet HTML 3Page - Diodes Incorporated AP22811 Datasheet HTML 4Page - Diodes Incorporated AP22811 Datasheet HTML 5Page - Diodes Incorporated AP22811 Datasheet HTML 6Page - Diodes Incorporated AP22811 Datasheet HTML 7Page - Diodes Incorporated AP22811 Datasheet HTML 8Page - Diodes Incorporated AP22811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP22811
Document number: DS39135 Rev. 4 - 2
2 of 17
www.diodes.com
July 2017
© Diodes Incorporated
AP22811
Typical Applications Circuit
1
μF
IN
GND
EN/EN
OUT
ON
120
μF
Power Supply
2.7V to 5.5V
0.1
μF
OFF
FLG
Load
10k
Enable Active High
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
MSOP-8
1
6, 7, 8
OUT
Voltage Output Pin, connect a 0.1
μF bypass capacitor and a high-value
capacitor to GND, close to IC. (At least 10
μF in USB application.)
2
1
GND
Ground Pin of the Circuitry
3
5
FLG
Over Current and Over temperature fault report;
Open-Drain flag is active low when triggered.
4
4
EN/EN
Enable Input
AP22811A: Active High
AP22811B: Active Low
5
2, 3
IN
Voltage Input Pin, connect a 1
μF low ESR capacitor to GND, close to
IC.
Functional Block Diagram
Thermal
Sense
FLG
OUT
GND
IN
EN/EN
UVLO
Current
Limit
Current
Sense
Deglitch
Discharge
Control
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com