Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMPH2E Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # WMPH2E
Description  PatchLink ??Horizontal Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

WMPH2E Datasheet(HTML) 2 Page - PANDUIT CORP.

  WMPH2E Datasheet HTML 1Page - PANDUIT CORP. WMPH2E Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2016 Panduit Corp.
ALL RIGHTS RESERVED.
RKSP154--WW-ENG
Replaces WW-RKSP46
5/2016
PatchLink™ Horizontal Cable Managers
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300
Visit us at www.panduit.com
For more information
Dimensions are in inches. (Dimensions in parenthesis are metric.)
WMP1E
WMPHF2E
with CMSRC2 Clips
WMPSE
WMPLSE
WMPFSE
WMPH2E
with CMSRC2 Clips
3.5
(88.9)
20.0
(508)
WMPF1E
WMPLFSE
3.2
(81.0)
5.2
(131.8)
1.7
(44.1)
3.2
(81.0)
5.2
(131.8)
1.7
(44.1)
19.0
(482.6)
2.2
(55.6)
5.2
(131.8)
3.5
(88.9)
19.0
(482.6)
3.2
(81.0)
5.2
(131.8)
3.5
(88.9)
20.0
(508)
3.7
(93.7)
1.7
(44.1)
19.0
(482.6)
3.7
(93.7)
1.7
(44.1)
19.0
(482.6)
2.7
(69.1)
3.5
(88.9)
19.0
(482.6)
3.7
(93.7)
All managers have 17" long front covers except for the WMPH2E and WMPHF2E, which have19 3/8" long front covers for
complete coverage to vertical managers.
Cable Capacity Chart
19.0
(482.6)
Part Number
Front
Rear
Channel
Area (in2)
Cat. 6A
(28AWG -
0.185”)
Cat. 6A
(24AWG -
0.275”)
Cat. 6
(28AWG -
0.150”)
Cat. 6
(24AWG -
0.235”)
Channel
Area (in2)
Cat. 6A
(28AWG -
0.185”)
Cat. 6A
(24AWG -
0.275”)
Cat. 6
(28AWG -
0.150”)
Cat. 6
(24AWG -
0.235”)
WMP1E
WMPF1E
6.8
101
45
153
62
9.1
134
60
204
83
-
-
-
-
-
WMPH2E
WMPHF2E
6.8
101
45
153
62
9.1
134
60
204
83
-
-
-
-
-
WMPSE
WMPFSE
2.7
40
18
61
25
4.6
68
30
104
42
-
-
-
-
-
WMPLSE
WMPLFSE
1.7
25
11
38
15
4.6
68
30
104
42
-
-
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com