Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMPFSE Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # WMPFSE
Description  PatchLink ??Horizontal Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

WMPFSE Datasheet(HTML) 1 Page - PANDUIT CORP.

  WMPFSE Datasheet HTML 1Page - PANDUIT CORP. WMPFSE Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
2 RU Managers
Front and Rear, with
bend radius clips:
WMPH2E
Front and Rear:
WMP1E
Front Only, with
bend radius clips:
WMPHF2E
Front Only:
WMPF1E
1 RU Managers
Front and Rear:
WMPSE
Front and Rear,
short depth:
WMPLSE
Front Only:
WMPFSE
Front Only,
short depth:
WMPLFSE
Racks
2 post 19"
EIA standard rack:
R2P^
4 post rack 7' 30" depth with
#12-24 threaded rails: R4P*^
4 post rack 7' 23" depth with
#12-24 threaded rails: R4P23*^
4 post rack 7' 36" depth with
#12-24 threaded rails: R4P36*^
4 post rack 7' 42" depth with
#12-24 threaded rails: R4P42*^
Panel Extender Brackets
1 RU:
PEB1
2 RU:
PEB2
Accessories
Cable retainers:
WR3E-X
*Add “CN” for Cage Nut Rails
^Add suffix 96 to the end of the part
number for 8 foot versions.
PatchLink ™ Horizontal Cable Managers
Dimensions:
Part Number
RU
Height
in (mm)
Width
in (mm)
Depth
in (mm)
WMP1E
2
3.5 (88.9)
19.0 (482.6)
8.9 (225.5)
WMPF1E
2
3.5 (88.9)
19.0 (482.6)
3.7 (93.7)
WMPH2E
2
3.5 (88.9)
19.0 (482.6)
8.9 (225.5)
WMPHF2E
2
3.5 (88.9)
19.0 (482.6)
3.7 (93.7)
WMPSE
1
1.7 (44.1)
19.0 (482.6)
8.9 (225.5)
WMPFSE
1
1.7 (44.1)
19.0 (482.6)
3.7 (93.7)
WMPLSE
1
1.7 (44.1)
19.0 (482.6)
7.9 (200.1)
WMPLFSE
1
1.7 (44.1)
19.0 (482.6)
2.7 (69.1)
Packaging:
Cable managers include hinged cover(s), mounting hardware
technical information
specifications
Horizontal cable managers shall be capable of managing
cables on the front and rear of any 19" EIA rack. The
manager shall consist of a 1-piece construction that is
molded out of plastic. Horizontal managers shall have
pass through holes that incorporate integral bend radius
control as well as fingers with rounded edges. The
manager shall have rigid end fingers that incorporate
integral bend radius control. Hinged covers shall allow
access to the cable pathway without having to completely
remove the cover from the manager.
applications
Panduit® PatchLink™ Horizontal Cable Managers
provide a neat and efficient way to manage patch
cables on any EIA 19” rack. They can be used
in multimedia applications to manage copper,
fiber optic, and coax cables. Flexible fingers
organize the patch cords simplifying moves,
adds, and changes while the integral bend radius
control and “closed” design protects the patch
cables in the pathway. All of these features
combine to provide the user with a horizontal
cable management solution that simplifies cable
routing in a finished, professional appearance.
When used with the Panduit® Mini-Com ® patch
panels, patch cords, vertical cable managers,
and racks, the user receives a total system that
satisfies functional and aesthetic requirements for
telecommunications rooms.
key features and benefits
Integral bend radius control
Maintains bend radii as cables transition to and from
horizontal and vertical pathways
Dual hinged cover
Opens upward or downward to provide easy access to
cables in horizontal pathway without having to completely
remove cover
Increased finger spacing
Provides larger area for high performance Category 6 cables
One piece, plastic construction
Provides durability and easy installation
Flexible fingers
Provide for easy installation and organizes cables simplifying
moves, adds, and changes
Rounded edges on fingers
Protect cables from snags and damage to cable
Cable pass through holes
Provide ease of installation and cable maintenance
SPECIFICATION SHEET


Similar Part No. - WMPFSE

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
More results

Similar Description - WMPFSE

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
logo
List of Unclassifed Man...
28544 ETC2-28544 Datasheet
159Kb / 2P
Horizontal and building backbone cable
28551 ETC2-28551 Datasheet
111Kb / 2P
Horizontal and building backbone cable
28442 ETC2-28442 Datasheet
192Kb / 2P
Horizontal and building backbone cable
1725287 ETC2-1725287 Datasheet
211Kb / 2P
Horizontal and building backbone cable
logo
Harwin Plc
S8081-46R HARWIN-S8081-46R Datasheet
84Kb / 1P
HORIZONTAL SMT CABLE AND PIN CLIP
logo
PANDUIT CORP.
PR2VD0679 PANDUIT-PR2VD0679 Datasheet
455Kb / 2P
PatchRunner??2 Vertical Cable Managers
logo
Tripp Lite. All Rights ...
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
logo
Hubbell Incorporated.
HJWM24 HUBBELL-HJWM24 Datasheet
230Kb / 1P
Cobra-Lock??Termination Wire Managers
logo
List of Unclassifed Man...
90662-30 ETC-90662-30 Datasheet
309Kb / 1P
High Back Managers Chair
02-01-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com