Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USOPTL4DR-LS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # USOPTL4DR-LS
Description  Isolated USB to RS-422/485 Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USOPTL4DR-LS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  USOPTL4DR-LS Datasheet HTML 1Page - Advantech Co., Ltd. USOPTL4DR-LS Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Isolated USB to RS-422/485
Converters
USOPTL4DR-xx
MECHANICAL DIAGRAM
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-485 2-Wire
Data A(-), Data B(+), Ground
RS-485 4-Wire
TDA(-), TDB(+), RDA(-), RDB(+), Ground
Connector
Removable terminal block, 12 to 28 AWG
Data Rate
Up to 921.6 Kbps
Isolation
3000 V optical isolation
Surge Protection
15 KV ESD
USB TECHNOLOGY
USB Compatibility
2.0 (backward compatible)
USB Data Rate
12 Mbps
Connector
Type B female, high retention
(15 Newtons / 3.4 lbs-force withdrawal)
Driver CD
Windows 2000, XP, Vista, 7 (32/64 bit), 8 (32/64 bit)
POWER
Source
USB port
Input Voltage
5 VDC
Consumption
~2.5 W (high power device, draws >500 mA
MECHANICAL
Dimensions
9.7 x 11.9 x 3.1 cm (3.8 x 4.7 x 1.2 in)
Enclosure
DIN rail mountable, plastic
Weight
222.3 g (0.49 lbs) with USB cable
ENVIRONMENTAL
Operating Temperature
0 to 70°C (32 to 158°F)
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Humidity
0 to 95% Non-condensing
MTBF USOPTL4DR
184,556 hours
MTBF USOPTL4DR-2
79,551 hours
MTBF Calc. Method
Parts Count Reliability Prediction
APPROVALS / CERTIFICATIONS
Emissions FCC Class B, CISPR Class B (EN55022)
CE
EN 61000-6-1
Generic Standards for Residential, Commercial and
Light-Industrial Environments
EN 61000-4-2
Electro-Static Discharge (ESD)
EN 61000-4-3
+A1 +A2 +IS1 Radiated Field Immunity (RFI)
EN 61000-4-4
Electrical Fast Transients-Burst Immunity (EFT)
EN 61000-4-6
Conducted Immunity
INFORMATION – FCC RULES
This device complies with Part 15 of the FCC rules. Operation is subject to the following
two conditions:
(1) This device may not cause harmful interference.
(2) This device must accept any interference that may cause undesired operation.
1
2
3
4
ON
9.7 cm
3.8 in
11.9 cm
4.7 in
3.1 cm
1.2 in
TB POSITION
LABEL
FUNCTION
A
T-
TDA(-)
B
T+
TDB(+)
C
R-
RDA(-)
D
R+
RDA(+)
E
G
Ground
TERMINAL BLOCK
The terminal block layout is top to bottom (as viewed
from a DIN rail installation). The signal names on the front
label are only visible when the terminal block is removed.
The USOPTL4DR-2 has two terminal blocks. In both
configurations, the TB layout is the same.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com