Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1A32SC Datasheet(PDF) 13 Page - Intel Corporation

Part # STK1A32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1A32SC Datasheet(HTML) 13 Page - Intel Corporation

Back Button STK1A32SC Datasheet HTML 9Page - Intel Corporation STK1A32SC Datasheet HTML 10Page - Intel Corporation STK1A32SC Datasheet HTML 11Page - Intel Corporation STK1A32SC Datasheet HTML 12Page - Intel Corporation STK1A32SC Datasheet HTML 13Page - Intel Corporation STK1A32SC Datasheet HTML 14Page - Intel Corporation STK1A32SC Datasheet HTML 15Page - Intel Corporation STK1A32SC Datasheet HTML 16Page - Intel Corporation STK1A32SC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Product Description
13
 High-Bandwidth Digital Content Protection (HDCP) 1.4/2.2 support for content protection
1.7.1.2
Video Memory Allocation
Intel® Dynamic Video Memory Technology (DVMT) is a method for dynamically allocating system
memory for use as graphics memory to balance 2D/3D graphics and system performance. If your
computer is configured to use DVMT, graphics memory is allocated based on system
requirements and application demands (up to the configured maximum amount). When memory
is no longer needed by an application, the dynamically allocated portion of memory is returned to
the operating system for other uses.
1.7.1.3
High Definition Multimedia Interface* (HDMI*)
The HDMI port supports standard, enhanced, or high definition video, plus multi-channel digital
audio on a single cable. The port is compatible with all ATSC and DVB HDTV standards and
supports eight full range channels of lossless audio formats. The maximum supported resolution
is 1920 x 1080 @ 60 Hz, 24 bpp. The HDMI port is compliant with the HDMI 1.4b specification.
1.7.1.3.1
Integrated Audio Provided by the HDMI Interfaces
The following audio technologies are supported by the HDMI 1.4b interfaces directly from the
SoC:
AC3 - Dolby* Digital
Dolby Digital Plus
LPCM, 192 kHz/16-bit or 176.4 KHz/24-bit, 8 Channel
1.8
USB
The Compute Stick has the following USB ports
One full size USB 3.0 port with maximum current of 900 mA. The USB port is super-speed,
high-speed, full-speed, and low-speed capable.
One full size USB 2.0 port with maximum current of 500 mA. The USB port is high-speed, full-
speed and low-speed capable.
NOTE
Computer systems that have an unshielded cable attached to a USB port may not meet FCC
Class B requirements, even if no device is attached to the cable. Use a shielded cable that meets
the requirements for full-speed devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com