Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA03 Datasheet(PDF) 2 Page - Protek Devices

Part # SMDA03
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA03 Datasheet(HTML) 2 Page - Protek Devices

  SMDA03 Datasheet HTML 1Page - Protek Devices SMDA03 Datasheet HTML 2Page - Protek Devices SMDA03 Datasheet HTML 3Page - Protek Devices SMDA03 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05093.R7 11/05
SMDA03
thru
SMDA36C
DEVICE CHARACTERISTICS
Note 1: Only applies to unidirectional devices.
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (Note 1)
Volts
1.5
VF
Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., SMDA03C.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
PER LINE
@0V, 1 MHz
C
pF
SMDA03
SMDA03C
SMDA05
SMDA05C
SMDA08
SMDA08C
SMDA12
SMDA12C
SMDA15
SMDA15C
SMDA24
SMDA24C
SMDA36
SMDA36C
SDL
SDM
SDA
SDB
SDJ
SDK
SDC
SDD
SDE
SDF
SDG
SDH
SDN
SDP
4.0
4.5
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
40.0
40.0
6.5
7.0
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
43.0
43.0
51.0
51.0
10.9V @ 43.0A
10.9V @ 43.0A
13.5V @ 42.0A
13.5V @42.0A
16.9V @ 34.0A
16.9V @ 34.0A
25.9V @ 27.0A
25.9V @ 27.0A
30.0V @ 17.0A
30.0V @ 17.0A
49.0V @ 12.0A
49.0V @ 12.0A
76.8V @ 9.0A
76.8V @ 9.0A
800
450
550
308
500
300
185
105
140
80
88
50
80
45
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
125
20
20
10
10
1
1
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0
36.0
36.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com