Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA03LCC Datasheet(PDF) 2 Page - Protek Devices

Part # SMDA03LCC
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA03LCC Datasheet(HTML) 2 Page - Protek Devices

  SMDA03LCC Datasheet HTML 1Page - Protek Devices SMDA03LCC Datasheet HTML 2Page - Protek Devices SMDA03LCC Datasheet HTML 3Page - Protek Devices SMDA03LCC Datasheet HTML 4Page - Protek Devices SMDA03LCC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05074.R6 4/05
SMDA03LC
thru
SMDA24LCC
DEVICE CHARACTERISTICS
Note 1: Only applies to unidirectional devices.
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Forward Voltage @ 50mA, 300µs - Square Wave (Note 1)
Volts
1.5
VF
Note 1: Part numbers with a “C” suffix are bidirectional devices, i.e., SMDA03LCC.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
SMDA03LC
SMDA03LCC
SMDA05LC
SMDA05LCC
SMDA08LC
SMDA08LCC
SMDA12LC
SMDA12LCC
SMDA15LC
SMDA15LCC
SMDA24LC
SMDA24LCC
SLA
SLB
SLC
SLD
SLE
SLF
SLG
SLH
SLJ
SLK
SLL
SLM
4.5
4.5
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
7.0
7.0
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
43.0
43.0
10.9V @ 43.0A
10.9V @ 43.0A
13.5V @ 42.0A
13.5V @42.0A
16.9V @ 34.0A
16.9V @ 34.0A
25.9V @ 27.0A
25.9V @ 27.0A
30.0V @ 17.0A
30.0V @ 17.0A
49.0V @ 12.0A
49.0V @ 12.0A
15
15
15
15
15
15
15
15
15
15
15
15
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
125
20
20
10
10
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com