Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9SP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9SP
Description  Easy programming for complex safety control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SP Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9SP Datasheet HTML 1Page - Omron Electronics LLC G9SP Datasheet HTML 2Page - Omron Electronics LLC G9SP Datasheet HTML 3Page - Omron Electronics LLC G9SP Datasheet HTML 4Page - Omron Electronics LLC G9SP Datasheet HTML 5Page - Omron Electronics LLC G9SP Datasheet HTML 6Page - Omron Electronics LLC G9SP Datasheet HTML 7Page - Omron Electronics LLC G9SP Datasheet HTML 8Page - Omron Electronics LLC G9SP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
G9SP
4
Specifications (Refer to Instruction Manual and Operation Manual (Man.No.Z922) for details.)
G9SP Series
General Specifications
* Not including the current consumption of external devices.
Safety Input Specifications
Test Output Specifications
*1. Connection to OMRON D40A/D40Z Non-contact Door Switch is possible.
*2. With the Muting Lamp Output (open circuit detection)
Safety Output Specifications
*1. Total current for So0 to So3 and So4 to So7
*2. Total current for So0 to So3, So4 to So7, So8 to So11 and So12 to So15
Note: When a safety output is set as a pulse output, make sure that
the connected devices do not malfunction due to the OFF pulse
(pulse width: 640
μs).
Standard Output Specifications (G9SP-N10S)
Power supply voltage
24 VDC (20.4 to 26.4 VDC -15% +10%)
Current consumption
*
G9SP-N10S: 400 mA (V1: 300 mA, V2: 100 mA)
G9SP-N10D: 500 mA (V1: 300 mA, V2: 200 mA)
G9SP-N20S: 500 mA (V1: 400 mA, V2: 100 mA)
Isolation class
Class III (SELV)
Overvoltage category
II
Noise immunity
Conforms to IEC61131-2
Vibration resistance
5 to 8.4 Hz: 3.5 mm, 8.4 to 150 Hz: 9.8 m/s2
Shock resistance
147 m/s2: 11 ms
Mounting
DIN track mounting (IEC60715 TH35-7.5/TH35-15) or M4 screws
Ambient operating temperature
0 to +55°C
Ambient operating humidity
10% to 90% (with no condensation)
Ambient storage temperature
-20°C to +75°C
Atmosphere
No corrosive gas
Operating altitude
2,000 m max.
Pollution degree
Pollution degree 2
Degree of protection
IP20 except terminal blocks
Terminal screws
M3 self-rising screws
Item
Model
G9SP-N10S
G9SP-N10D
G9SP-N20S
Safety inputs
10
10
20
Safety outputs
4168
Test outputs
466
Standard outputs
4-
-
Weight
290 g max.
440 g max.
430 g max.
Input type
Sinking inputs (PNP)
Input current
6 mA
ON voltage
11 VDC min. (between each input terminal and
G1)
OFF voltage
5 VDC max. (between each input terminal and
G1)
OFF current
1 mA max.
Output type
Sourcing outputs (PNP)
Rated Output
Current
G9SP-N10S
T0, T1
: 60 mA max.
T2
: 30 mA max.
*1
T3
: 300 mA max.
*2
T0-2 total
: 60 mA max.
G9SP-N10D
T0, T1, T2
: 60 mA max.
T3
: 300 mA max.
*2
T4, T5
: 30 mA max.
*1
Total of T0-2 and T4-5 : 60 mA max.
G9SP-N20S
T0, T1, T2
: 100 mA max.
T3
: 300 mA max.
*2
T4, T5
: 30 mA max.
*1
Total of T0-2 and T4-5 : 120 mA max.
ON residual
voltage
1.8 V max. (between each output terminal and
V1)
Leakage current
0.1 mA max.
Output type
Sourcing outputs (PNP)
Rated output
current
0.8 A max./output
1.6 A max./4 outputs (G9SP-N10S/-N20S)
*1
1.2 A max./4 outputs (G9SP-N10D)
*2
ON residual
voltage
1.2 V max. (between each output terminal and
V2)
OFF residual
voltage
2 V max.
Leakage current
0.1 mA max.
Output type
Sourcing outputs (PNP)
ON residual
voltage
1.5 V max. (between each output terminal and
V2)
Rated output
current
100 mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com