Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-R2E41 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3S-R2E41 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
E3S
3
Engineering Data (Typical)
Parallel Operating Range
E3S-2E4 (41)
E3S-5E4 (41) (42)
Operating Range
E3S-DS10E4 (41)
E3S-DS30E4 (41) (42)
E3S-LS10XE4
E3S-LS20XE4
100
90
80
70
60
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
E3S-2E41
E3S-2E4
Distance X
Parallel movement
distance Y
Distance X (m)
240
220
200
180
160
140
120
100
80
60
40
20
0
1
2
3
4
6
5
7
Distance X
Parallel movement
distance Y
Distance X (m)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
100
140 160
40
60
80
20
120
(Y)
(
−Y)
Optical axis
Operating
distance
X (mm)
Operating
distance (X)
Standard sensing object
(50 x 50 mm)
Operating
position
10
8
6
4
2
0
2
4
6
8
10
100
140
160
40
60
80
20
120
(Y)
(
−Y)
Optical axis
Operating
distance (X)
Standard sensing object
(100 x 100 mm)
Operating
position
Operating
distance
X (mm)
3
2
1
0
1
2
3
120
100
140 160
40
60
80
20
Adjust the
distance: 30 mm
Adjust the
distance: 100 mm
(Y)
(
−Y)
Optical axis
Operating
distance (X)
Standard sensing object
(10 x 10 mm)
Operating
position
Operating
distance
X (mm)
20
15
10
5
0
5
10
15
20
250
300 350
100
150
200
50
3
2
1
0
1
2
3
Max. distance set
(Y)
(
−Y)
Optical axis
Standard sensing object
(50 x 75 mm)
Operating
position
Operating
distance (X)
Operating
distance
X (mm)
Min. distance set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com