Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2-F-7001 Datasheet(PDF) 13 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7001
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7001 Datasheet(HTML) 13 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7001 Datasheet HTML 9Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 10Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 11Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 12Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 13Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 14Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 15Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 16Page - Connective Peripherals Pte Ltd USB2-F-7001 Datasheet HTML 17Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
13
4
Application Programming Interfaces
4.1
ASCII commands
The following ASCII commands provide a means of utilizing an interactive terminal program, or
communication through a standard COM or TTY port. Unrecognized commands return the ASCII BELL
character (0x07). Some useful settings for a terminal program to assist in the human readability of
command responses are:
-
Echo typed characters locally – the USB2-F-7x01 does not echo characters.
-
Append line feeds to incoming line ends.
-
With the use of the FTDI FT245 USB-FIFO interface, serial port bit rate settings are not typically
necessary; however, some terminal programs may yield unpredictable results with slow rates.
Set the COM port to the highest available bit rate. The USB2-F-7x01 will maintain the most
efficient data rate available.
The CANbus messages are received at all times by default and sent to the host through the FTDI FT245
USB-FIFO interface immediately. Firmware version 2.2 supports sustained read of CAN messages sent
1ms apart as well as a bursts of up to 100 CAN messages sent 50us apart.
Help (H, h or ?)
Summary
Lists available commands.
Definition
H<CR>, h<CR> or ?<CR>
Parameters
None
Remarks
Example:
?<CR>
List available commands.
Return Codes
List of Supported Commands
O – Open CAN Channel
C – Close CAN Channel
t – Transmit Standard Frame
T – Transmit Extended Frame
F – Read Status Flag
V – USB2-F-7001 Version
N – Serial Number of USB2-F-7001
Z – TimeStamp Option On/Off
S – Set CAN Bit Rate
s – Set BRGCON Registers
m – Set Acceptance Mask
M – Set Acceptance Filter
B – Enter Bootload Mode
L – Set Listen Mode
E – Clear Buffers and Echo Char
R – Reset USB2-F-7001
H, ? or h – Help on USB2-F-7001 Commands<CR> = OK
<BELL> = ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com