Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTP28CH Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # UTP28CH
Description  Mini-Com짰 TX5e??UTP Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTP28CH Datasheet(HTML) 1 Page - PANDUIT CORP.

  UTP28CH Datasheet HTML 1Page - PANDUIT CORP. UTP28CH Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Category 5e/Class D, 8-position, UTP jack module shall terminate 4-pair, 22 – 26
AWG, 100 ohm unshielded twisted pair cable and shall not require use of a punchdown
tool. UTP jack modules shall use a forward motion termination method to optimize
performance by maintaining cable pair geometry while eliminating conductor untwist.
The termination cap shall be color-coded red to designate Category 5e performance
and shall include a universal label coded for T568A and T568B wiring schemes.
Mini-Com® TX5eUTP Jack Modules
SPECIFICA TION SHEET
applications
Mini-Com® TX5eUTP Jack Modules are a component of the TX5500UTP Copper Cabling System. This
end-to-end system provides Gigabit Ethernet performance with usable bandwidth beyond 100 MHz. With
certified performance to the ANSI/TIA-568-C.2 Category 5e and ISO 11801 Class D standards, this system
will support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast Ethernet), 1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM
• Token ring 4/16
• Voice/data systems
• Voice over Internet Protocol (VoIP)
technical information
Category 5e/Class
D channel
and component
performance:
Exceeds channel requirements of ANSI/TIA-568-C.2 Category 5e and ISO 11801
Class D standards at swept frequencies 1 to 100 MHz
Exceeds component requirements of ANSI/TIA-568-C.2 Category 5e and ISO
11801 Class D standards at swept frequencies 1 to 100 MHz
FCC and
ANSI compliance:
Meets all applicable ANSI/TIA-968-A requirements; contacts plated with 50
microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7
RoHS compliance:
Compliant
PoE compliance:
Meets requirements of IEEE 802.3af and IEEE 802.3at for PoE applications
UL rated:
UL 1863 approved
Conductor
termination range:
Wire cap compatible with 22 – 26 AWG solid or stranded cable with conductor
insulation diameters of 0.060 in. max. and overall cable O.D. 0.200 in. to 0.330 in.
key features and benefits
100% performance tested
Confidence that each jack module will deliver the critical electrical
performance requirements
Utilizes enhanced
Giga-TXTechnology
Optimizes performance by eliminating conductor untwist and reduces
installation time and expense
Improved termination cap
Conductor retention slots simplify jack module termination
Modular
UTP jack modules snap in and out of all Mini-Com® Faceplates, Modular
Patch Panels and Surface Mount Boxes for easy moves, adds,
and changes
True strain relief
Controls cable bend radius for long-term installed performance
Individually serialized
Marked with quality control number for future traceability
RJ45 interface
Industry standard interface provides a quick and easy plug and play
connection to RJ45 patch cords; backwards compatible
Identification
Can be clearly identified with optional labels and icons for port Identification
Keyed version available
Color-specific keys with positive and negative keying features mechanically
and visually distinguish connections to prevent unintentional mating with
unlike keyed or non-keyed modular plugs, offering network design flexibility,
versatility, accommodating discrete networks for enhanced security
Angle termination
version available
Side opening allows cable to be terminated to the right or left side of the
jack module; ideal for installations that have minimal depth that may not
allow standard bend radius practices to be accommodated
Termination tools
(optional)
EGJT termination tool ensures conductors are fully terminated by utilizing
a smooth forward motion without impact on critical internal components
for maximum reliability; TGJT termination tool ideal for high
volume installations
Block out device
(optional)
Provides a simple and secure method to control access to data ports while
not in use
Shuttered version
(optional)
Integrated shuttered door keeps out dust and debris of unmated RJ45
jack modules
TX5500 UTP Copper
Cabling System
Mini-Com ® TX5eUTP
Jack Modules
Jack module:
CJ5E88TGIW*
Shuttered jack
module:
CJD5E88TGIW*
Keyed jack
module:
CJK5E88TG**
Right angle
jack module:
CJR5E88TG*
TX5500 UTP Copper Cable
Plenum:
PUP5504***
Riser:
PUR5504***
LSZH (60332-1):
PUL5504***
LSZH (60332-3):
PUZ5504***
CM:
PUC5504***
Category 5e Performance SD UTP 28
AWG Patch Cords (Dual Rated CM/LSZH)
Feet:
UTP28CH^
Meters:
UTP28CH^^M
TX5eUTP Patch Cords
CM (foot lengths):
UTPCH^Y
CM (meter lengths):
UTPCH^^MY
LSZH (meter lengths):
UTPCHL^^MY
Mini-Com® Angled Modular
Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com ® Flat Modular
Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular patch panels and punchdown
patch panels, visit www.panduit.com
Tools and Accessories
Jack module
termination tool:
EGJT or TGJT
Wire snipping tool:
CWST
Wire stripping tool:
CJAST
Clear dust cap:
MDC-C
Blockout device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
*To designate color other than IW (Off White),
replace IW suffix with WH (White), EI (Electric Ivory),
IG (International Gray), AW (Arctic White),
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange), VL (Violet), BR (Brown), GD
(Gold), LB (Light Blue), or PK (Pink).
**To designate color, add suffix BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green),
or OR (Orange). Each color representing a
different keyed configuration.
***To designate color, add suffix BU (Blue) or
WH (White). For additional cable colors, contact
customer service.
^For lengths 1 to 20 feet (one foot increments)
and 25, 30, 35, 40 feet, change the length designation in
the part number to the desired
length. For standard cable colors other than
Off White, add suffix BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green), OR (Orange),
or VL (Violet). For example, the part number for
a blue 15-foot patch cord is UTPCH15BUY.
^^For lengths 1 to 10 meters (one meter increments) and
0.5, 1.5, 2.5, 15, 20, 25, 30, 35, 40 meters, change the
length designation in the part number to the desired
length. For standard cable colors other than Off White,
add suffix BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green), OR (Orange),
or VL (Violet). For example, the part number for a blue
15-meter patch cord is UTPCH15MBUY.
^^^To designate color other than Red, add suffix
Black (BL), Blue (BU), Yellow (YL), Green (GR),
Orange (OR), Off White (IW) or International Gray
(IG) at the end of the part number. 10/package.
+
To designate color other than IW (Off White),
replace IW with EI (Electric Ivory), IG (International Gray),
BL (Black), BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange), or VL (Violet) in the part number. 100/
package.
Contact customer service for bulk packaged
and/or keyed jack modules and patch cords.


Similar Part No. - UTP28CH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
UTP28CH0.5MGR PANDUIT-UTP28CH0.5MGR Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
UTP28CH0.5MRD PANDUIT-UTP28CH0.5MRD Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
UTP28CH1.5MGR PANDUIT-UTP28CH1.5MGR Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
UTP28CH1.5MRD PANDUIT-UTP28CH1.5MRD Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
UTP28CH10 PANDUIT-UTP28CH10 Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
More results

Similar Description - UTP28CH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
Mini-Com짰 RCA Pass-Through Modules
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
ST Mini-Com짰 Fiber Optic Adapter Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com