Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2ME21 Datasheet(PDF) 2 Page - Schneider Electric

Part # GV2ME21
Description  TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17 to 23 A, screw clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME21 Datasheet(HTML) 2 Page - Schneider Electric

  GV2ME21 Datasheet HTML 1Page - Schneider Electric GV2ME21 Datasheet HTML 2Page - Schneider Electric GV2ME21 Datasheet HTML 3Page - Schneider Electric GV2ME21 Datasheet HTML 4Page - Schneider Electric GV2ME21 Datasheet HTML 5Page - Schneider Electric GV2ME21 Datasheet HTML 6Page - Schneider Electric GV2ME21 Datasheet HTML 7Page - Schneider Electric GV2ME21 Datasheet HTML 8Page - Schneider Electric GV2ME21 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Connections - terminals
Screw clamp terminals 2 cable(s) 0...0.01 in² (1...6 mm²) solid
Screw clamp terminals 2 cable(s) 0...0.01 in² (1.5...6 mm²) flexible without cable
end
Screw clamp terminals 2 cable(s) 0...0.01 in² (1...4 mm²) flexible with cable end
Tightening torque
15.04 lbf.in (1.7 N.m) on screw clamp terminals
Suitability for isolation
Yes conforming to IEC 60947-1
Phase failure sensitivity
Yes conforming to IEC 60947-4-1
Height
3.5 in (89 mm)
Width
1.77 in (45 mm)
Depth
3.08 in (78.2 mm)
Product weight
0.57 lb(US) (0.26 kg)
Environment
Standards
NF C 63-650
NF C 79-130
IEC 60947-1
VDE 0113
IEC 60947-4-1
NF C 63-120
CSA C22.2
VDE 0660
UL 508
IEC 60947-2
EN 60204
Product certifications
EAC
DNV
SETI
CEBEC
BV
RINA
LROS (Lloyds register of shipping)
EZU
UL
TSE
CCC
GL
ATEX
CSA
Protective treatment
TH
IP degree of protection
IP20 conforming to IEC 60529
IK degree of protection
IK04
Ambient air temperature for operation
-4...140 °F (-20...60 °C)
Ambient air temperature for storage
-40...176 °F (-40...80 °C)
Fire resistance
1760 °F (960 °C) conforming to IEC 60695-2-1
Operating altitude
6561.68 ft (2000 m)
Ordering and shipping details
Category
22367 - MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
00785901212010
Nbr. of units in pkg.
1
Package weight(Lbs)
0.65000000000000002
Returnability
Y
Country of origin
TH
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0631  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference contains SVHC above the threshold  -  Go to CaP for more details-
Go to CaP for more details
Product environmental profile
Available
Product end of life instructions
Need no specific recycling operations



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com