Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CTC2AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6CTC2AL
Description  6CT Evolution??Poke Thru Surface Style Cover, Aluminum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

6CTC2AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6CTC2AL Datasheet HTML 1Page - List of Unclassifed Manufacturers 6CTC2AL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prod uct Heig ht US
Prod uct Heig ht US
7.25 in
Prod uct Weig ht US
Prod uct Weig ht US
2.03 lb
Prod uct Dep t h US
Prod uct Dep t h US
1.16 in
Core Hole Size
Core Hole Size
6 in
Listing Agencies / 3rd Party Agencies
Listing Agencies / 3rd Party Agencies
cULus List ed
cULus List ed
Yes
cULus List ing Numb er
cULus List ing Numb er
E2961
Additional Information
Additional Information
RoHS Conformant
RoHS Conformant
Yes
Technical Information
Technical Information
Numb er of Out let s
Numb er of Out let s
0
October 17 2021 - For latest specs visit legrand.us



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com