Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3609/06 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3609/06
Description  3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3609/06 Datasheet(HTML) 1 Page - 3M Electronics

  3609/06 Datasheet HTML 1Page - 3M Electronics 3609/06 Datasheet HTML 2Page - 3M Electronics 3609/06 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M™ Round Conductor Flat Cable
.025" 30AWG Stranded, FEP
3609 Series
3
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
• FEPinsulation is compatible with most insulation
displacement connectors
• .025 inch pitch parallel conductors for mass
termination
• Low dielectric constant
• Excellent abrasion and chemical resistance
• Excellent mechanical durability
• Nonflammable
• ULRecognized to 150°C
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS Compliance” section
of www.3Mconnectors.com for compliance
information (RIAE1 and C1 apply)
Date Modified: October 31, 2013
TS-0654-C
Sheet 1 of 2
Physical
Insulation:
Material: Flourinated Ethylene Propylene (FEP)
Color: Opaque White
Marking:
Standard: None
Conductors: 30AWG 7 × 38AWG [ 7 × .102 ] Silver Plated Stranded Copper
Electrical
Voltage Rating: USA: 150V
EU: <50V
Insulation Resistance: > 1 × 1010 Ω/10 ft. [ 3m ]
Characteristic Impedance: Unbalanced: 91 Ω
Capacitance: Unbalanced: 14.7 pF/ft [ 48.2 pF/m ]
Inductance: Unbalanced: 0.12 μH/ft [ 0.39 μH/m ]
Propagation Delay: Unbalanced: 1.34 ns/ft [ 4.40 ns/m ]
Velocity of Propagation: 76%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: -55°C to +150°C
Flammability Rating: USA:VW-1
ULFile No.: E42769, Style No: 20726


Similar Part No. - 3609/06

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
logo
List of Unclassifed Man...
3609 ETC2-3609 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Heyco.
3609 HEYCO-3609 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
ASSUN MOTOR Pte Ltd.
3609 ASSUN-3609 Datasheet
347Kb / 1P
STANDARD SERIES
2024-A
3609 ASSUN-3609 Datasheet
621Kb / 1P
HIGH POWER SERIES
2024-A
More results

Similar Description - 3609/06

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3749 3M-3749 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M™ Round Conductor Flat Cable
01-Nov-2013
3896 3M-3896 Datasheet
752Kb / 5P
3M??Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com