Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3933 Datasheet(PDF) 44 Page - ams AG

Part # AS3933
Description  3D Low Frequency Wake-Up Receiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3933 Datasheet(HTML) 44 Page - ams AG

Back Button AS3933 Datasheet HTML 40Page - ams AG AS3933 Datasheet HTML 41Page - ams AG AS3933 Datasheet HTML 42Page - ams AG AS3933 Datasheet HTML 43Page - ams AG AS3933 Datasheet HTML 44Page - ams AG AS3933 Datasheet HTML 45Page - ams AG AS3933 Datasheet HTML 46Page - ams AG AS3933 Datasheet HTML 47Page - ams AG AS3933 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
ams Datasheet
Page 43
[v1-08] 2015-Sep-02
Document Feedback
AS3933 − Detailed Description
Wake-Up Protocol
The AS3933 can support different protocols:
• Frequency detection only (no pattern correlation)
• Single pattern detection
• 16-bit pattern
• 32-bit pattern
• Double pattern detection
• 16-bits pattern
• 32-bits pattern
The wake-up state can be terminated either by the host system
(MCU) with the direct command ‘clear_wake’ sent over SPI (see
direct command details in Figure 29) or with a time-out option.
In case the latter is used the host system (MCU) does not need
to take any action to terminate the wake-up state and the chip
is set back to listening mode automatically after a predefined
time. It is possible to set the duration of the time-out with the
register R7<7:5>, as shown in the Figure 49.
Figure 49:
Timeout Setup
R7<7>
R7<6>
R7<5>
Time Out
0
0
0
disabled
0
0
1
50 msec
0
1
0
100 msec
0
1
1
150 msec
1
0
0
200 msec
1
0
1
250 msec
1
1
0
300 msec
1
1
1
350 msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com