Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9102IDDFR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9102IDDFR
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9102IDDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV9102IDDFR Datasheet HTML 21Page - Texas Instruments TLV9102IDDFR Datasheet HTML 22Page - Texas Instruments TLV9102IDDFR Datasheet HTML 23Page - Texas Instruments TLV9102IDDFR Datasheet HTML 24Page - Texas Instruments TLV9102IDDFR Datasheet HTML 25Page - Texas Instruments TLV9102IDDFR Datasheet HTML 26Page - Texas Instruments TLV9102IDDFR Datasheet HTML 27Page - Texas Instruments TLV9102IDDFR Datasheet HTML 28Page - Texas Instruments TLV9102IDDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
Time (20µs/Div)
C016
Input
Output
Figure 7-2. No Phase Reversal
7.3.3 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV910x is 150°C.
Exceeding this temperature causes damage to the device. The TLV910x has a thermal protection feature that
prevents damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 140°C. Figure 7-3 shows an application example
for the TLV9101 that has significant self heating (154°C) because of its power dissipation (0.39 W). Thermal
calculations indicate that for an ambient temperature of 100°C, the device junction temperature must reach
154°C. The actual device, however, turns off the output drive to maintain a safe junction temperature. Figure 7-3
shows how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer
so the output is 3 V. When self heating causes the device junction temperature to increase above 140°C, the
thermal protection forces the output to a high-impedance state and the output is pulled to ground through resistor
RL.
140ºC
3 V
0 V
150°C
16 V
RL
100 Ÿ
VIN
3 V
+
3 V
±
I
OUT = 30 mA
TLV9101
TA = 100°C
PD = 0.39W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.39W + 100°C
TJ = 154.1°C (expected)
+
±
Normal
Operation
Output
High-Z
Figure 7-3. Thermal Protection
www.ti.com
TLV9101, TLV9102, TLV9104
SBOS943E – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV9101 TLV9102 TLV9104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com