Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7308F Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 14Page - Texas Instruments TMUX7308F Datasheet HTML 15Page - Texas Instruments TMUX7308F Datasheet HTML 16Page - Texas Instruments TMUX7308F Datasheet HTML 17Page - Texas Instruments TMUX7308F Datasheet HTML 18Page - Texas Instruments TMUX7308F Datasheet HTML 19Page - Texas Instruments TMUX7308F Datasheet HTML 20Page - Texas Instruments TMUX7308F Datasheet HTML 21Page - Texas Instruments TMUX7308F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
7.4 On-Leakage Current
Source on-leakage current (IS(ON)) and drain on-leakage current (ID(ON)) denote the channel leakage currents
when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the
source floating. Figure 7-3 shows the circuit used for measuring the on-leakage currents.
SW
S1
S2
D
SW
S8
GND
GND
VS
IS(ON)
IS(ON)
A
GND
VS
N.C.
SW
SW
S1
S2
D
SW
S8
GND
GND
ID(ON)
VD
SW
ID(ON)
A
GND
N.C.
VS
VDD
VSS
VDD
VSS
Figure 7-3. On-Leakage Measurement Setup
7.5 Break-Before-Make Delay
The break-before-make delay is a safety feature of the TMUX7308F and TMUX7309F. The ON switches first
break the connection before the OFF switches make connection. The time delay between the break and the
make is known as break-before-make delay. Figure 7-4 shows the setup used to measure break-before-make
delay, denoted by the symbol tBBM.
3 V
VA
0 V
tBBM 1
0.8 VS
Output
0 V
tBBM = min ( tBBM 1, tBBM 2)
VS
tBBM 2
tr < 20 ns
tf < 20 ns
SW
S1
S2
D
SW
S8
GND
RL
GND
GND
SW
GND
Decoder
A0
A1
A2
GND
VA
GND
VS
GND
EN
CL
VEN
SW
S7
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 7-4. Break-Before-Make Delay Measurement Setup
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com