Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC273 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54AC273
Description  Advanced CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54AC273 Datasheet(HTML) 2 Page - Silicon Supplies

  54AC273 Datasheet HTML 1Page - Silicon Supplies 54AC273 Datasheet HTML 2Page - Silicon Supplies 54AC273 Datasheet HTML 3Page - Silicon Supplies 54AC273 Datasheet HTML 4Page - Silicon Supplies 54AC273 Datasheet HTML 5Page - Silicon Supplies 54AC273 Datasheet HTML 6Page - Silicon Supplies 54AC273 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
www.siliconsupplies.com
d
Advanced CMOS Logic – 54AC273
Rev 1.0
07/12/2021
Pad Layout and Functions
Logic Diagram
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
MR
0.120
0.507
2
Q0
0.117
0.286
3
D0
0.247
0.127
4
D1
0.531
0.127
5
Q1
0.699
0.127
6
Q2
0.867
0.127
7
D2
1.035
0.127
8
D3
1.318
0.127
9
Q3
1.426
0.294
10
GND
1.426
0.483
11
GND
1.426
0.570
12
CP
1.428
0.900
13
Q4
1.426
1.120
14
D4
1.299
1.279
15
D5
1.015
1.279
16
Q5
0.847
1.279
17
Q6
0.679
1.279
18
D6
0.511
1.279
19
D7
0.228
1.279
20
Q7
0.117
1.111
21
VCC
0.117
0.903
22
VCC
0.117
0.816
CONNECT CHIP BACK TO VCC
1650µm (64.96 mils)
0,0
1
13
6
5
4
3
2
DIE ID
7
14
15
16
17
8
9
18
19
20
10
11
21
22
12
Pads 10,11 = GND
Pads 21,22 = VCC
INPUTS
OUTPUT
MR
CP
D
Q
L
H
H
H
H
X
L
X
H
L
X
X
L
H
L
No Change
No Change
H = High level (steady state)
L = Low level (steady state)
X = Don’t care
Truth Table



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com