Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412F Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412F
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7412F Datasheet HTML 28Page - Texas Instruments TMUX7412F Datasheet HTML 29Page - Texas Instruments TMUX7412F Datasheet HTML 30Page - Texas Instruments TMUX7412F Datasheet HTML 31Page - Texas Instruments TMUX7412F Datasheet HTML 32Page - Texas Instruments TMUX7412F Datasheet HTML 33Page - Texas Instruments TMUX7412F Datasheet HTML 34Page - Texas Instruments TMUX7412F Datasheet HTML 35Page - Texas Instruments TMUX7412F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
9.3.2.7 EMC Protection
The TMUX7411F, TMUX7412F, and TMUX7413F are not intended for standalone electromagnetic compatibility
(EMC) protection in industrial applications. There are three common high voltage transient specifications
that govern industrial high voltage transient specification: IEC61000-4-2 (ESD), IEC61000-4-4 (EFT), and
IEC61000-4-5 (surge immunity). A transient voltage suppressor (TVS), along with some low-value series current
limiting resistor, are required to prevent source input voltages from going above the rated ±60 V limits.
When selecting a TVS protection device, it is critical to ensure that the maximum working voltage is greater than
both the normal operating range of the input source pins to be protected and any known system common-mode
overvoltage that may be present due to miswiring, loss of power, or short circuit. Figure 9-1 shows ane example
of the proper design window when selecting a TVS device.
Region 1 denotes normal operation region of TMUX7411F, TMUX7412F, and TMUX7413F, where the input
source voltages stay below the supplies VDD and VSS. Region 2 represents the range of possible persistent
DC (or long duration AC overvoltage fault) presented on the source input pins. Region 3 represents the
margin between any known DC overvoltage level and the absolute maximum rating of the TMUX741xF. The
TVS breakdown voltage must be selected to be less than the absolute maximum rating of the TMUX7411F,
TMUX7412F, and TMUX7413F, but greater than any known possible persistent DC or long duration AC
overvoltage fault to avoid triggering the TVS inadvertently. Region 4 represents the margin system designers
must impose when selecting the TVS protection device to prevent accidental triggering of ESD cells of the
TMUX7411F, TMUX7412F, and TMUX7413F devices.
Normal Operation
Positive Supply
VDD
System
Overvoltage
Overvoltage
Protection Window
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
1
2
3
4
TVS
Breakdown
Voltage
Negative Supply
VSS
0 V
Overvoltage
Protection Window
2
3
4
TVS
Breakdown
Voltage
System
Overvoltage
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
Figure 9-1. System Operation Regions and Proper Region of Selecting a TVS Protection Device
9.3.3 Overvoltage Fault Flags
The voltages on the source input pins of the TMUX7411F, TMUX7412F, and TMUX7413F are continuously
monitored, and the status of whether an overvoltage condition occurs is indicated by an active low general fault
flag (FF). The voltage on the FF pin indicates if any of the source input pins are experiencing an overvoltage
condition. If any source pin voltage exceeds the fault supply voltages by a VT, the FF output is pulled-down to
below VOL.
The FF pin is an open-drain output and an external pull-up resistor of 1 kΩ is recommended. The pull-up voltage
can be in the range of 1.8 V to 5.5 V, depending on the controller voltage the device interfaces with.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com