Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7462FRRPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462FRRPR
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462FRRPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX7462FRRPR Datasheet HTML 24Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 25Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 26Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 27Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 28Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7462FRRPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
8.3.3 Overvoltage Fault Flags
The voltages on TMUX7462F's source input pins are continuously monitored, and the status of whether an
overvoltage condition occurs is indicated by an active low general fault flag (FF). The voltage on the FF pin
indicates if any of the source input pins are experiencing an overvoltage condition. If any source pin voltage
exceeds the fault supply voltages by a VT, the FF output is pulled-down to below VOL. The FF pin is an
open-drain output, and external pull-up resistors of 1 kΩ are recommended. The pull-up voltage can be in the
range of 1.8 V to 5.5 V, depending on the controller voltage the device interfaces with.
8.3.4 Bidirectional Operation
The TMUX7462F conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
signal path has very similar characteristics in both directions; however, it is noted that the overvoltage protection
is implemented only on the source (Sx) side. The voltage on the drain is only allowed to swing between VFP and
VFN and no overvotlage protection is available on the drain side.
The primary supplies (VDD and VSS) define the on-resistance profile of the switch channel, whereas the fault
voltage supplies (VFP and VFN) define the signal range that can be passed through from source to drain of the
device. It is good practice to use voltages on VFP and VFN that are lower than VDD and VSS to take advantage
of the flat on-resistance region of the device for better input-to-output linearity. The flatest on-resistance region
extends from VSS to roughly 3 V below VDD. Once the signal is within 3 V of VDD the on-resistance will
expoentially increase and may impact desired signal transmission.
8.4 Device Functional Modes
The TMUX7462F offers two modes of operation (Normal mode and Fault mode) depending on whether any of
the input pins experience an overvoltage condition.
8.4.1 Normal Mode
In Normal mode operation, signals of up to VFP and VFN can be passed through the switch from source (Sx) to
drain (Dx) or from drain (Dx) to source (Sx). The following conditions must be satisfied for the switch to stay in
the ON condition:
• The difference between the primary supples (VDD – VSS) must be higher or equal to 8 V.
• VFP must be between 3 V and VDD, and VFN must be between VSS and 0 V.
• The input signals on the source (Sx) or the drain (Dx) must be between VFP+ VT and VFN – VT.
8.4.2 Fault Mode
The TMUX7462F enters into the Fault mode when any of the input signals on the source (Sx) pins exceed VFP
or VFN by a threshold voltage VT. The switch input experiencing the fault automatically turns off, and the source
pin becomes high impedance with negligible amount of leakage current flowing through the switch under the
overvoltage condition. Section 8.3.2.4 describes how the drain pin (Dx) behavior under the Fault mode can be
programmed. The general fault flag (FF) is asserted low in the Fault mode.
The overvoltage protection is provided only for the source (Sx) input pins. The drain (Dx) pin, if used as signal
input, must stay in between VFP and VFN at all time since no overvoltage protection is implemented on the drain
pin.
8.4.3 Truth Table
Table 8-1 shows the truth tables for the TMUX7462F. Each switch is independently controlled by its own select
pin.
Table 8-1. TMUX7462F Truth Table
DR PIN STATE
Dx State During Fault
Condition
0
Pulled up to VFP or VFN
1
Open (HI-Z)
TMUX7462F
SCDS394A – MARCH 2021 – REVISED OCTOBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com