| Electronic Components Datasheet Search |
|
CGS700TV Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CGS700TV Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 6 page ![]() General Description (Continued) Also included are two EXTSEL and EXTCLK pins to allow testing the chip via an external source The EXTSEL pin once set to high causes the External-Clock Mux to change its input from the output of the VCO and Counter to the external clock signal provided via EXTCLK input pin CLK1SEL pin changes the output frequency of the CLK1 0 CLK1 6 outputs During normal operation when CLK1SEL pin is high these outputs are at the same fre- quency as the input crystal oscillator while CLK2 and CLK4 outputs are at twice and four times the input frequency re- spectively Once CLK1SEL pin is set to a low logic level the CLK1 outputs will be at twice the input frequency the same as the CLK2 output with CLK4 output still being at four times the input frequency In addition two other pins are added for increasing the test capability SKWSEL and SKWTST pins allow testing of the counter’s output and skew of the output drivers by bypass- ing the VCO In this test mode CLK4 frequency is the same as SKWTST input frequency while CLK2 is and CLK1 frequencies are respectively (refer to the truth table) In addition CLK1SEL functionality is also true under this test condition Typical Application TLF11955 – 3 Block Diagram CGS700 TLF11955 – 2 Truth Table Input Output CLK1 EXT EXT SKW SKW TRI-STATE CLK4 CLK2 CLK1 SEL SEL CLK SEL TST HL X L X H 4cfIN 2cfIN fIN LL X L X H 4cfIN 2cfIN 2cfIN XH XX H HL X H H1cftst c ftst c ftst LL X H H1cftst c ftst c ftst XX X X X L Z Z Z Steady State phase frequency lock http www nationalcom 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |