Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8S Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # TH8S
Description  6600WTransient Voltage Suppressor (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

TH8S Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  TH8S Datasheet HTML 1Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 2Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 3Page - Socay Electornics Co., Ltd. TH8S Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6600W Transient Voltage Suppressor (TVS)
Revision November 8, 2019
2 /4
@ SOCAY Electronics Corp., Ltd. 2019.
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
TH8S Series
15 To 43V
6600W
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni
Bi
(V)
μA
min(V)
max(V)
mA
max(V)
A
TH8S15A
TH8S15CA
15
5
16.7
18.5
5
24.4
270.5
TH8S16A
TH8S16CA
16
5
17.8
19.7
5
26.0
253.8
TH8S18A
TH8S18CA
18
5
20.0
22.1
5
29.2
226.0
TH8S20A
TH8S20CA
20
5
22.2
24.5
5
32.4
203.7
TH8S22A
TH8S22CA
22
5
24.4
26.9
5
35.5
186.0
TH8S24A
TH8S24CA
24
5
26.7
29.5
5
38.9
169.6
TH8S26A
TH8S26CA
26
5
28.9
31.9
5
42.1
156.8
TH8S28A
TH8S28CA
28
5
31.1
34.4
5
45.4
145.4
TH8S30A
TH8S30CA
30
5
33.3
36.8
5
48.4
136.3
TH8S33A
TH8S33CA
33
5
36.7
40.6
5
53.3
123.8
TH8S36A
TH8S36CA
36
5
40.0
44.2
5
58.1
113.6
TH8S40A
TH8S40CA
40
5
44.4
49.1
5
64.5
102.3
TH8S43A
TH8S43CA
43
5
47.8
52.8
5
69.4
95.1
Note:
① Surge waveform: 10/1000
μs.
VR: Stand-off Voltage -- Maximum voltage that can be applied.
VBR:Breakdown Voltage.
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp.
IR:Reverse Leakage Current.
Electrical Characteristics
(TA=25℃)
Fig.1 : V- I Curve Characteristics
Ratings and Characteristic Curves (TA=25℃ unless otherwise noted)
Fig.2 : V- I Curve Characteristics
IF
I
V
VF
IT
IPP
VR
VBR
R
VC
Uni-directional
IPP
I
V
IT
IR
VR
VBR
R
VC
IT
IR
IPP
VR
VBR
R
VC
Bi-directional



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com