Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABGW311-R Datasheet(PDF) 1 Page - IDEC Corporation

Part # ABGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

ABGW311-R Datasheet(HTML) 1 Page - IDEC Corporation

  ABGW311-R Datasheet HTML 1Page - IDEC Corporation ABGW311-R Datasheet HTML 2Page - IDEC Corporation ABGW311-R Datasheet HTML 3Page - IDEC Corporation ABGW311-R Datasheet HTML 4Page - IDEC Corporation ABGW311-R Datasheet HTML 5Page - IDEC Corporation ABGW311-R Datasheet HTML 6Page - IDEC Corporation ABGW311-R Datasheet HTML 7Page - IDEC Corporation ABGW311-R Datasheet HTML 8Page - IDEC Corporation ABGW311-R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
696
www.IDEC.com
1904032203
TW Series — 22mm NEMA Style Pushbuttons
Key features:
• TW NEMA Style Switches with snap-on contacts
• Corrosion resistant octagonal chrome plated locking bezel
• Snap-on 10A contact blocks
• LED illumination
• Slow make, double break, contacts
• Modular construction for maximum flexibility
• Type 4X and IP65 watertight/oiltight panel
• Available assembled or as sub-components
• Finger-Safe - Spring-Up
• Large M3.5 screw terminals with captive sems plate
IDEC has your 22mm switching needs covered.
Button styles include flush, extended, mushroom, or square and all bodies are
crafted from fracture-resistant nylon.
All illuminated units feature two lens styles, one that maximizes light dispersion,
the other accommodates direct lens engraving.
Contact mechanism allow for a wide current rating, 5mA to 10A, which reduces
the need for various contact materials.
When looking for a 22mm switch that is durable, easy to use, and versatile, then
IDEC’s TW series is your solution.
UL Listed
File No. E68961
CSA Approved
File No. LR21451
File No. DK95-01696
Certificate No.
2030010305027380


Similar Part No. - ABGW311-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ABG-12205 VISHAY-ABG-12205 Datasheet
70Kb / 2P
Plasma Panel Bar Graph Modules Dual Linear Bar Graph with Drive Electronics Interface and DC/DC Converter
05-Dec-00
logo
LEMO Connectors
ABG.0A.275.NTM LEMO-ABG.0A.275.NTM Datasheet
62Kb / 3P
Push-pull
ABG.0A.275.NTMC LEMO-ABG.0A.275.NTMC Datasheet
62Kb / 3P
Push-pull
logo
JSP Ltd.
ABG000-000-600 JSP-ABG000-000-600 Datasheet
75Kb / 2P
Top Cap
logo
AEROTECH US. ALL RIGHTS...
ABG10000-1000-1000 AEROTECH-ABG10000-1000-1000 Datasheet
572Kb / 4P
Air-Bearing Direct-Drive Cartesian Gantry System
More results

Similar Description - ABGW311-R

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HAF HONEYWELL-HAF Datasheet
582Kb / 6P
HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HAFUHM0020L4AXT HONEYWELL-ACC-HAFUHM0020L4AXT Datasheet
842Kb / 9P
Honeywell Zephyr Digital Airflow Sensors: HAF Series?쵩igh Accuracy
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Solid State E...
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
logo
Bel Fuse Inc.
ABC450 BEL-ABC450_V01 Datasheet
1Mb / 10P
450 W (with airflow), 300 W (without airflow)
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
Honeywell ZephyrTM Digital Airflow Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com