Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4FFSTC15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4FFSTC15
Description  Bring Power & Communication Services to Modular Furniture Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

4FFSTC15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4FFSTC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4FFSTC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4FFSTC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4FFSTC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Catalog No./Item
Description/Specifications
4FFATC15GY-LJB
Flush Furniture Feed
4FFATC15BK-LJB
Poke-Thru Unit – Complete
4FFATC15AL-LJB
with one-piece finish flange
4FFATC15BS-LJB
and conduit assembly. Conduit
4FFATC15BZ-LJB
assembly consists of one 3/4"
4FFATC15NK-LJB
trade size conduit and one
1 1/2" trade size conduit.
Finish cover flange provided
with one 3/4" trade size screw
plug opening and one 1 1/2"
trade size screw plug opening.
4FFCTC15GY
Finish Flange and Conduit
4FFCTC15BK
Adapter Assembly – Complete
4FFCTC15AL
with one 3/4" and one 1 1/2"
4FFCTC15BS
trade size conduit adapters
4FFCTC15BZ
and closure plugs. Covers available
4FFCTC15NK
in painted black (BK), gray (GY),
brass (BS), nickel (NK), bronze (BZ),
and brushed aluminum (AL). Use
with the 4FFSTC15 insert to form a
complete poke-thru assembly.
ABPLUG4
Abandonment Plug Assembly –
Complete plug assembly for
abandoning an open 4" [102mm]
cored-hole. Assembly includes
intumescent fire-stop material to
maintain the fire-classification of
the floor, integral retainer ring to
prevent the unit from pulling up
through the floor, and a black
die-cast aluminum cover.
F
Catalog No./Item
Description/Specifications
4FFSTC15
Insert Stem with Disposable
Plate – Use with 4FFCTC15 Series
covers to form a complete
poke-thru assembly.
4FFATC15GY
Flush Furniture Feed
4FFATC15BK
Poke-Thru Assembly –
4FFATC15AL
Complete with one-piece finish
4FFATC15BS
flange and conduit assembly.
4FFATC15BZ
Conduit assembly consists of one
4FFATC15NK
3/4" trade size conduit and one
1 1/2" trade size conduit. Finish
cover flange provided with one
3/4" trade size screw plug opening
and one 1 1/2" trade size screw
plug opening. Covers available in
painted black (BK), gray (GY), brass
(BS), nickel (NK), bronze (BZ), and
brushed aluminum (AL).
8 1/4"
[210mm]
4FFATC Furniture Feed Poke-Thru Series Ordering Information
NOTES: Floor Structure: Concrete
Floor Surface: Carpet, Tile, Wood
To abandon 4FFATC15 and 4FFATC15XX-LJB Series,
disconnect conduit adapters and install closure plugs.
Not designed to work with bare concrete or terrazzo floors.
Minimum floor surface thickness 1/8" [3.2mm].
NOTE: Assembled with scrub water
gasket. For use on tile or
carpet floors.
NOTE: Assembled with scrub water
gasket. For use on tile, wood
or carpet floors.
8 1/4"
[210mm]
16 9/16"
[421mm]
7 1/2"
[191mm]
3 7/8"
[98mm]
Catalog Number Explanation
4FFATC15AL
4
FF
A
TC
15
AL
Indicates Unit
is only for use
in a 4" core
hole
Assembled
Unit (A) or
Cover (C)
Identifies that
Unit is Approved
for Tile and
Carpet Floors
Indicates
Finish
Designates
Unit is for
Furniture Feed
Application
Indicates
Low Voltage
Breakthrough
Size 1 1/2"
NOTE: Assembled with scrub water
gasket. For use on tile or
carpet floors.
8 1/4"
[210mm]
7" DIA
[178mm]
9 11/16"
[246mm]
Catalog Number Explanation
4FFATCAL-LJB
4
FF
A
TC
15
AL
LJB
Identifies Identifies Identifies
Identifies
Indicates
Identifies Identifies
Poke-Thru Furniture Assembled that Unit is
Low Voltage
Finish
Junction
Series
Feed Unit Unit (A) or
Approved for Breakthrough Of Cover Box (Not
Cover (C)
Tile & Carpet Size 1 1/2"
Assembly included)
Floors
16 5/16"
[414mm]
NOTE: Stem assembly with disposable
plate can be installed in
occupied spaces for activation
at a later time as long as the
assembly is fully covered by
the finished floor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com