Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17501 Datasheet(PDF) 1 Page - Aven, Inc.

Part # 17501
Description  Soldering/Desoldering Kit - 6pc
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVEN [Aven, Inc.]
Direct Link  https://www.aventools.com/
Logo AVEN - Aven, Inc.

17501 Datasheet(HTML) 1 Page - Aven, Inc.

  17501 Datasheet HTML 1Page - Aven, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
aveninc.com
sales@aveninc.com
734.973.0099
Soldering/Desoldering Kit - 6pc
Features
• 40 Watt Soldering Iron heats up to 900º F
• Ideal for use on electrical/electronic components, audio equipment, etc.
• Includes desoldering pump for removing liquid solder
• Provides basic tools needed for many soldering projects
• 6 Pc kit comes complete with replaceable fine tip
This kit provides the basic tools you will need for your soldering projects. The professional
grade soldering iron produces 40 watts (up to 900 degrees F) for joining 12 AWG wire
or smaller. It’s ideal for use on electrical/electronic components, audio equipment, RC
hobbies and more. The kit also includes a stand, desoldering pump, replaceable fine tip
and solder in a handy storage tube.
SOLDERING/DESOLDERING KIT - 6PC
POWER
40 W
TEMPERATURE
Up to 900º F
DIMENSIONS
8.25 x 1 x 1 inches
SOLDERING IRON TIP
Fine
POWER SOURCE
Corded Electrical
WEIGHT
2.5 LB
PACKAGE CONTENTS
Soldering Iron 40W with Fine Tip; Soldering Iron
Stand; Desoldering Pump; Replaceable Fine Tip;
Solder
Part #
Description
17501
Soldering/Desoldering Kit - 6PC


Similar Part No. - 17501

ManufacturerPart #DatasheetDescription
logo
Theben AG
1750100 THEBEN-1750100 Datasheet
543Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
PHOENIX CONTACT
1750106 PHOENIX-1750106 Datasheet
487Kb / 12P
MCDNV 1,5/ 2-G1-3,81 P14THR - PCB header
logo
List of Unclassifed Man...
1750110B1 ETC2-1750110B1 Datasheet
67Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1750119 PHOENIX-1750119 Datasheet
472Kb / 11P
MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
logo
AAEON Technology
175011901C AAEON-175011901C Datasheet
274Kb / 2P
gigabit ethernet
More results

Similar Description - 17501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1042 ETC1-A1042 Datasheet
1Mb / 24P
Desoldering Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
MFR-1300 Desoldering System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
SOLDERING, DESOLDERING AND REWORK SYSTEMS
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
DESOLDERING BRAID
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com