Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

818TCAL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 818TCAL
Description  Modulink??880MP Series Floor Boxes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

818TCAL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  818TCAL Datasheet HTML 1Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 2Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 3Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 4Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 5Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 6Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 7Page - List of Unclassifed Manufacturers 818TCAL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ED923R14 — Updated April 2019 — For latest specs visit www.legrand.us/wiremold
4
WIREMOLD®
Modulink™ 880MP Series Floor Boxes
Modulink 880MP Series Metal Cover Plates Ordering Information
Country of Origin: China
829CK
Brass Communication Cover
Plate – 2 5/8" and 2 1/4" (67mm
and 57mm) plugs.
Country of Origin: China
829CK-1
Brass Communication Cover
Plate – 2 5/8" and 1" (67mm and
25mm) plugs.
Country of Origin: China
829CK-3/4
Brass Communication Cover
Plate – 2 5/8" and 3/4" (67mm
and 19.1mm) plugs.
NOTE: Brass covers and flanges are not interchangeable with aluminum or nonmetallic covers
and flanges. Nonmetallic covers are interchangeable with aluminum flanges.
Country of Origin: China
829CK-1/2
Brass Communication Cover
Plate – 2 5/8" and 1/2" (67mm
and 12.7mm) plugs.
Country of Origin: China
828MAAP
A/V Adapter Plate – Sheet metal
adapter plate that accepts two (2)
Extron
® Electronics MAAP style
device plates (sold separately). For
use with 828GFITC, 828GFITCAL
or 828PRGFI cover plates.
(Sold separately.)
3.156"
(80.2mm)
4.182"
(106.2mm)
3.156"
(80.2mm)
4.182"
(106.2mm)
3.156"
(80.2mm)
4.182"
(106.2mm)
3.156"
(80.2mm)
4.182"
(106.2mm)
Modulink 880MP Series Brushed Aluminum Cover Plate Flanges Ordering Information
Country of Origin: China
818TCAL
One-Gang Brushed Aluminum
Combination Carpet and Tile
Flange – Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts, sold separately.
Country of Origin: China
838TCAL
Three-Gang Brushed Aluminum
Combination Carpet and Tile
Flange – Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts, sold separately.
Country of Origin: China
828TCAL
Two-Gang Brushed Aluminum
Combination Carpet and Tile
Flange – Accepts Ortronics®
MAB6TJ TracJack and MAB3S2
Series II adapters and Wiremold
CM Series inserts, sold separately.
NOTE: Brushed aluminum flanges come
with beveled edges.
NOTE: Brushed aluminum flanges come
with beveled edges.
NOTE: Brushed aluminum flanges come
with beveled edges.
5.940"
(150.9mm)
4.920"
(125.0mm)
5.940"
(150.9mm)
9.045"
(229.7mm)
5.940"
(150.9mm)
13.170"
(334.5mm)
All cover assemblies
for the Modulink 880MP
Series Floor Box have
TopGuard protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com