Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803471 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803471
Description  Marker for terminal blocks - TM-PTRV 8,QR:A-H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803471 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803471 Datasheet HTML 1Page - PHOENIX CONTACT 0803471 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803471
09/12/2020   Page 1 / 2
Marker for terminal blocks - TM-PTRV 8,QR:A-H - 0803471
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marker for terminal blocks, white, labeled, mounting type: snapped, for terminal block width: 8 mm, lettering
field size: 2,4x 9,2 mm
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626074528
Technical data
Dimensions
Length (b)
80 mm
Width (a)
1.8 mm
General
Color
white
Type
high
Material
PA
Marking mounting type
snapped
Environmental Product Compliance
China RoHS
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Classifications
eCl@ss
eCl@ss 10.0.1
27141137
eCl@ss 4.0
24190208


Similar Part No. - 0803471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803470 PHOENIX-0803470 Datasheet
185Kb / 5P
TM-PTRV 8,QR:8-1 - Marker for terminal blocks
0803473 PHOENIX-0803473 Datasheet
185Kb / 5P
TM-PTRV 8,QR:H-A - Marker for terminal blocks
0803475 PHOENIX-0803475 Datasheet
189Kb / 6P
LS-EMP-V4A (80X30) - Equipment marking
0803476 PHOENIX-0803476 Datasheet
171Kb / 4P
EMPPR (45,8X45,8) PL-100 - Touch protection
0803478 PHOENIX-0803478 Datasheet
170Kb / 4P
TMN-FRAME-LS - Holding plate
More results

Similar Description - 0803471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818072 PHOENIX-0818072 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 8
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0822408 PHOENIX-0822408 Datasheet
50Kb / 2P
Marker for terminal blocks - UC3-TM 8
0824511 PHOENIX-0824511 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 8 CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0803466 PHOENIX-0803466 Datasheet
53Kb / 2P
Marker for terminal blocks - TM-PTRV 4,QR:A-D
09/12/2020
0818409 PHOENIX-0818409 Datasheet
59Kb / 4P
Marker for terminal blocks - UC-TM 8 RD
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com