Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803928 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803928
Description  Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803928 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803928 Datasheet HTML 1Page - PHOENIX CONTACT 0803928 Datasheet HTML 2Page - PHOENIX CONTACT 0803928 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0803928
12/24/2021   Page 2 / 3
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK - 0803928
Technical data
General
Base element material
polyolefine
Type
Shrink sleeve
Components
free from silicone, halogen, and cadmium
Material
Polyolefine
Shrink rate
2:1
Mounting type
slide-on
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Testing substances harmful to the wetting properties of lacquers (LABS
conformity)
VW PV 3.10.7:2005-02
Result
Test passed
UV resistance
ISO 4892-2:2013-03
Result
Test passed
Test duration
96 h
Testing in a condensation changing climate in the presence of sulfur
dioxide
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1,0 S
Cycles
2
Salt spray test
DIN EN 60068-2-11:2000-02
Result
Test passed
Classifications
eCl@ss
eCl@ss 10.0.1
27400401
eCl@ss 11.0
27281102
eCl@ss 4.0
24190200
eCl@ss 4.1
24190200
eCl@ss 5.0
27400100
eCl@ss 5.1
27400100
eCl@ss 6.0
27400100
eCl@ss 7.0
27400105
eCl@ss 9.0
27400401
ETIM
ETIM 3.0
EC001530
ETIM 4.0
EC000217
ETIM 6.0
EC001530
ETIM 7.0
EC001530
UNSPSC
UNSPSC 6.01
30211811



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com