Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5018 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5018 Datasheet HTML 3Page - Microchip Technology MIC5018 Datasheet HTML 4Page - Microchip Technology MIC5018 Datasheet HTML 5Page - Microchip Technology MIC5018 Datasheet HTML 6Page - Microchip Technology MIC5018 Datasheet HTML 7Page - Microchip Technology MIC5018 Datasheet HTML 8Page - Microchip Technology MIC5018 Datasheet HTML 9Page - Microchip Technology MIC5018 Datasheet HTML 10Page - Microchip Technology MIC5018 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006631A-page 7
MIC5018
2.1
Typical Performance Curve Notes
1: TA = 25°C, VSUPPLY = 5V unless noted.
2: Full turn-on time is the time between VCTL rising to 2.5V and the VG rising to 90% of its steady on-state
value.
3: Full turn-off time is the time between VCTL falling to 0.5V and the VG falling to 10% of its steady on-state
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com