Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-13912 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13912
Description  Spectacle Director Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13912 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13912 Datasheet HTML 1Page - SparkFun Electronics DEV-13912 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Spectacle Director Board
DEV-13912 RoHS Open Source Hardware
Description: The Spectacle Director Board controls all the actions in a Spectacle project. Though
the Director Board doesn’t do too much on its own, it is what communicates directly with SparkFun’s
Spectacle programmer and is the primary distribution channel for power and data in the system. To
fully utilize the Director Board make sure to pick up one of the Spectacle daughter boards. This is
your Spectacle’s connection to the outside world! Needless to say, the Director Board is the must-
have part for your Spectacle project!
Each Director Board features two 1/8" (3.5mm) jacks for Spectacle control signals. Plugging one
TRRS cable into the headphone jack on your programming device and the other end into the
“Program” jack on the Director Board will send commands into the reliable SAMD21 microcontroller
at the board’s core. All you need to do then is plug another TRRS cable into the “Direct” jack on the
Director Board and the other end of it into the “In” jack on another Spectacle board, and you are set!
Make sure to pay attention to the directionality of the jacks, as they will dictate how your other
Spectacle modules speak with the Director Board.
Power to your Spectacle project is supplied via a microUSB port at the top of the Director Board. We
have written an in-depth User’s Guide to help direct you through each step of setting up any board in
the Spectacle product line. You will be surprised by how easy and quick it is to make yourself into a
Spectacle!


Similar Part No. - DEV-13912

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13902 SPARKFUN-DEV-13902 Datasheet
203Kb / 1P
LilyPad LED White (5pcs)
12/2/2016
DEV-13955 SPARKFUN-DEV-13955 Datasheet
233Kb / 2P
SparkFun OpenLog with Headers
1??9??0
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
More results

Similar Description - DEV-13912

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.06.52.0075X.A.DG TAOGLAS-FXR.06.52.0075X.A.DG Datasheet
2Mb / 10P
Layered with Ferrite Flux Director
logo
Silicom Ltd.
PE310G4DBIR SILICOM-PE310G4DBIR Datasheet
794Kb / 12P
Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
PE325G2DSIR SILICOM-PE325G2DSIR Datasheet
504Kb / 9P
Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE340G2DBIR SILICOM-PE340G2DBIR Datasheet
744Kb / 12P
Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
Ethernet PCI Express Content Director Bypass Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
logo
3M Electronics
7925-AM 3M-7925-AM Datasheet
48Kb / 1P
3M??Spectacle Kit 7925/7925-AM, Accessory 1 EA/Case
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com