Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-11289 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11289
Description  Heating Pad - 5x15cm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11289 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11289 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Heating Pad - 5x15cm
COM-1 1289 RO HS
Description: These DC powered heating pads are perfect for near-body heating
applications. They get warm to the touch but not too hot. Simply apply 5VDC to the
wire leads and within minutes, the pad will begin to warm up.
These heating pads are constructed using a mesh of Polyester filament and Micro
Metal Conductive Fiber folded into a protective Polyimide Film. The fact that these are
low power, flexible and draw little power makes them ideal for things like hand-
warmers and other heated garments. Maybe hook up a microcontroller and some
sensors and make your own climate-controlled hoodie?
Features:
• Operating Voltage: 5V DC
• Operating Current: ~600mA (~8.3Ω)
Dimensions: 5 x 15 cm
12/7/2016
https://www.sparkfun.com/products/11289


Similar Part No. - COM-11289

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11288 SPARKFUN-COM-11288 Datasheet
228Kb / 1P
Heating Pad - 5x10cm
12/7/2016
More results

Similar Description - COM-11289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
HEATING CONTROLS
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
Ceramic Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
Heating Controller
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
Induction Heating
logo
Sangdest Microelectroni...
SDUR1520 SMC-SDUR1520 Datasheet
352Kb / 5P
Inductive heating and melting
logo
SparkFun Electronics
COM-11288 SPARKFUN-COM-11288 Datasheet
228Kb / 1P
Heating Pad - 5x10cm
12/7/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com