Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC4430 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 28Page - Texas Instruments DLPC4430 Datasheet HTML 29Page - Texas Instruments DLPC4430 Datasheet HTML 30Page - Texas Instruments DLPC4430 Datasheet HTML 31Page - Texas Instruments DLPC4430 Datasheet HTML 32Page - Texas Instruments DLPC4430 Datasheet HTML 33Page - Texas Instruments DLPC4430 Datasheet HTML 34Page - Texas Instruments DLPC4430 Datasheet HTML 35Page - Texas Instruments DLPC4430 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
CTRL
DLPA100
Controller
PMIC
CW Driver
1.8V
1.21V
3.3V
5V
DLPA100
Controller
PMIC
CW Driver
12V
12V
1.8V
1.21V
3.3V
5V
Wheel Motor #1
Wheel Motor #2
CW_INDEX1
CW_INDEX1
DLPC4430
Controller
TI DLP chipset
Third party component
SCP CTRL
DATA
2xLVDS
GPIO
Front End Device
Flash
(23)
(16)
ADDR
DATA
3D L/R
DLP DMD
1.8 V
3.3V
TPS65145 or
DLPA300
DMD PMIC
CTRL
(3)
3.3V
1.8V
1.15V
CTRL
FE CTRL
EEPROM
I2C
USB CTRL
CTRL
VBIAS
VOFFSET
VRESET
Figure 8-2. Typical LPCW Display Application
8.2.1 Design Requirements
The display controller is the digital interface between the DMD and the rest of the system. The display controller
takes digital input from front end digital receivers and drives the DMD over a high speed interface. The display
controller also generates the necessary signals (data, protocols, timings) required to display images on the
DMD. Some systems require a dual controller to format the incoming data before sending it to the DMD. Reliable
operation of the DMD is only insured when the DMD and the controller are used together in a system. In addition
to the DLP devices included in the chipset, other devices may be needed such as a flash part to store the
software and firmware.
8.2.1.1 Recommended MOSC Crystal Oscillator Configuration
Table 8-1. Crystal Port Characteristics
PARAMETER
NOMINAL
UNIT
MOSC TO GROUND Capacitance
1.5
pF
MOSCZ TO GROUND Capacitance
1.5
pF
Table 8-2. Recommended Crystal Configuration
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (1st Harmonic)
Crystal nominal frequency
20
MHz
Crystal frequency temperature stability
+/- 30
PPM
Overall crystal frequency tolerance (including
accuracy, stability, aging, and trim sensitivity)
+/- 100
PPM
Crystal Equivalent Series Resistor (ESR)
50 max
Ω
Crystal load
20
pF
Crystal shunt load
7 max
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com