Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC4430ZPC Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430ZPC
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430ZPC Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC4430ZPC Datasheet HTML 27Page - Texas Instruments DLPC4430ZPC Datasheet HTML 28Page - Texas Instruments DLPC4430ZPC Datasheet HTML 29Page - Texas Instruments DLPC4430ZPC Datasheet HTML 30Page - Texas Instruments DLPC4430ZPC Datasheet HTML 31Page - Texas Instruments DLPC4430ZPC Datasheet HTML 32Page - Texas Instruments DLPC4430ZPC Datasheet HTML 33Page - Texas Instruments DLPC4430ZPC Datasheet HTML 34Page - Texas Instruments DLPC4430ZPC Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DLPC4430 display controller coupled with supported DMDs comprise the chipset. The controller integrates
all system image processing, DMD control and data formatting onto a single integrated circuit (IC), as well
as LED or LPCW illumination systems and multiple image processing algorithms. Applications include Home
Theatre, Smart Display, Digital Signage, and Laser TV.
8.2 Typical Application
The DLPC4430 controller is ideal for applications requiring high brightness and high resolution displays. When
one DLPC4430 display controller is combined with the DLP DMD, a power management and motor driver device
(DLPA100), and other electrical, optical and mechanical components the chipset enables bright, affordable, high
resolution display solutions. A typical DLP system application using the DLPC4430 controller and supported DLP
DMD is shown below.
PWM Driver
(3)
RGB_EN
(3)
RGB_PWM
CW_INDEX1
CW_INDEX1
DLPC4430
Controller
TI DLP chipset
Third party component
VBIAS
VOFFSET
VRESET
SCP CTRL
12V
DATA
2xLVDS
GPIO
Front End Device
Flash
(23)
(16)
ADDR
DATA
3D L/R
DLP DMD
1.8 V
3.3V
TPS65145 or
DLPA300
DMD PMIC
CTRL
DLPA100
Controller
PMIC
(3)
3.3V
1.8V
1.15V
CTRL
CTRL
FE CTRL
EEPROM
I2C
USB CTRL
Figure 8-1. Typical LED Display Application
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com