Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-13343 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13343
Description  LilyPad Reed Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13343 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13343 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LilyPad Reed Switch
DEV-13 343 RO HS
Description: The LilyPad Reed Switch is a simple breakout for a reed switch that will
make it easy to use in e-textiles circuits in exactly the same manner that you can
currently use the LilyPad Button and Switch. In order to make it more durable for
wearable use, we’ve used a different style of reed switch, which is insulated. This
means that the same glass switch is encased in black plastic, making it much more
difficult to break, but it works in exactly the same manner.
A reed switch is a simple mechanical switch that is activated via a magnet. When the
device is exposed to a magnetic field, the two ferrous materials (reeds) inside the
switch pull together, and the switch closes. When the magnetic field is removed, the
reeds separate and the switch opens. This makes for a great non-contact switch that
can carry up to 1A and 0.25A while switched.
Note: A portion of this sale is given back to Dr. Leah Buechley for continued
development and education of e-textiles.
8/4/2016
https://www.sparkfun.com/products/13343


Similar Part No. - DEV-13343

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13310 SPARKFUN-DEV-13310 Datasheet
110Kb / 2P
Ludus Protoshield
DEV-13327 SPARKFUN-DEV-13327 Datasheet
265Kb / 6P
SparkFun Blocks for Intel짰 Edison - ADC V20
More results

Similar Description - DEV-13343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
REED SWITCH
logo
Meder Electronic
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
Reed Switch
logo
SparkFun Electronics
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com