Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-14043 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14043
Description  LIDAR?륧ite Accessory Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14043 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14043 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIDAR‐Lite Accessory Cable
DEV-14043 RoHS
Description: This is the same accessory cable found in the LIDAR-Lite v3. The LIDAR-Lite
Accessory Cable is terminated with a simple 6-pin JST at one end and a bare wire pigtail at the
other. You can use this cable as a replacement to the one you are currently using, as a backup in
case of damage, or if you just need a second one.
The LIDAR-Lite Accessory Cable is 200mm (~7.8in) long with specific pin-outs found on the
second page of the Operation & Technical Manual below.
SparkFun Electronics ®


Similar Part No. - DEV-14043

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14040 SPARKFUN-DEV-14040 Datasheet
117Kb / 1P
Pimoroni Display?륮?륳ron HAT
More results

Similar Description - DEV-14043

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAL6110-16 AD-ADAL6110-16 Datasheet
81Kb / 2P
16-Channel, LIDAR Signal Processor
logo
Pepperl+Fuchs Inc.
OBD60M-R2000-1L-Y70132754 PF-OBD60M-R2000-1L-Y70132754 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD10M-R2000-4EP-V1V17 PF-OBD10M-R2000-4EP-V1V17 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD30M-R2000-1L-Y70112344 PF-OBD30M-R2000-1L-Y70112344 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OMD6000-R2100-B16-2V15 PF-OMD6000-R2100-B16-2V15 Datasheet
820Kb / 4P
2-D LiDAR Sensor
OMD8000-R2100-B16-2V15 PF-OMD8000-R2100-B16-2V15 Datasheet
846Kb / 5P
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15 PF-OMD8000-R2100-R2-2V15 Datasheet
873Kb / 5P
2-D LiDAR Sensor
logo
SparkFun Electronics
SEN-14786 SPARKFUN-SEN-14786 Datasheet
133Kb / 3P
TFMini - Micro LiDAR Module (Qwiic)
11??2??8
logo
SICK AG
TIM781-2174101 SICK-TIM781-2174101 Datasheet
597Kb / 9P
2D LIDAR SENSORS
2023-06-28
logo
FIBOX Enclosing innovat...
3730261 FIBOX-3730261 Datasheet
40Kb / 1P
Cable entry accessory set
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com