Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15794 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15794
Description  SparkFun Qwiic SHIM for Raspberry Pi
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15794 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15794 Datasheet HTML 1Page - SparkFun Electronics DEV-15794 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
SparkFun Qwiic SHIM for Raspberry Pi
DEV-15794
 
The SparkFun Qwiic SHIM for Raspberry Pi is a small, easily removable breakout that easily adds a
Qwiic connector to your Raspberry Pi. The SHIM design allows you to plug directly to the Pi's I2C bus
with no soldering required and the thin PCB design allows for it to be sandwiched on your Pi GPIO
with other HATs! The Qwiic SHIM works great when you do not need the full capabilities of the Qwiic
pHAT for Raspberry Pi or if you want to add a Qwiic connector to your Pi but do not have room for
yet another HAT.
The Qwiic SHIM uses a unique friction-based connector that wedges itself onto the GPIO header for
a secure, solderless connection. As you would expect, it has a single Qwiic connector that connects
to your Pi's I2C bus (SDA, SCL, 5V and Ground). The SHIM also has a 3.3V regulator so it will work
with all Qwiic devices. Even better, the SparkFun Qwiic SHIM will also work with the NVIDIA Jetson
Nano Developer Kit!
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-15794

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15713 SPARKFUN-DEV-15713 Datasheet
221Kb / 2P
SparkFun moto:bit - micro:bit Carrier Board (Qwiic)
1??9??0
More results

Similar Description - DEV-15794

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
DEV-14477 SPARKFUN-DEV-14477 Datasheet
160Kb / 2P
SparkFun Qwiic Shield for Photon
12-4-17
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com