Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15873 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15873
Description  Alchitry Br Prototype Element Board (No Top Connectors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15873 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15873 Datasheet HTML 1Page - SparkFun Electronics DEV-15873 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Alchitry Br Prototype Element Board (No Top
Connectors)
DEV-15873 ROHS
The Alchitry Br Element Board without top connectors is a prototyping periphery for
the Au or Cu FPGA Development Boards. The Br breaks out all the signals on the four
headers running from your Au or Cu and has a large prototyping area with a 0.1" pin
grid for custom circuits.
Alchitry Elements are expansion boards similar to shields for an Arduino or HATs for a
Raspberry Pi but these are meant for your Au and Cu FPGA Development Boards. This
Element is equipped with four connectors on the underside of the board that snap to an
Au or Cu board. Be aware that this version of the Br does not feature any connection
points on the top of the board so you won't be able to stack any additional Elements on
top of it. There is also a set of female headers (sold separately) available that can be
soldered into the prototyping area so you can test out new circuits without making them
a permanent resident of the Br Element!


Similar Part No. - DEV-15873

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15837 SPARKFUN-DEV-15837 Datasheet
227Kb / 2P
SparkFun weather:bit - micro:bit Carrier Board (Qwiic)
2??0??0
DEV-15845 SPARKFUN-DEV-15845 Datasheet
268Kb / 2P
Teensy Audio Adapter Board (Rev D)
12??2??9
More results

Similar Description - DEV-15873

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
GAU205P-15252 ISAHAYA-GAU205P-15252 Datasheet
94Kb / 6P
Universal Gate Drive Prototype Board
GAU205S-15252 ISAHAYA-GAU205S-15252 Datasheet
128Kb / 7P
Universal Gate Drive Prototype Board
GAU212P-15255 ISAHAYA-GAU212P-15255 Datasheet
93Kb / 6P
Universal Gate Drive Prototype Board
GAU212S-15255 ISAHAYA-GAU212S-15255 Datasheet
122Kb / 7P
Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A POWEREX-BG2A Datasheet
296Kb / 5P
Universal Gate Drive Prototype Board
logo
Isahaya Electronics Cor...
GAU205P-15252A ISAHAYA-GAU205P-15252A Datasheet
375Kb / 6P
Universal Gate Drive Prototype Board
GAU205P-15402 ISAHAYA-GAU205P-15402 Datasheet
500Kb / 8P
Universal Gate Drive Prototype Board
GAU208P-15252 ISAHAYA-GAU208P-15252 Datasheet
564Kb / 8P
Universal Gate Drive Prototype Board
logo
SparkFun Electronics
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com